Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS340
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS340 Datasheet HTML 1Page - STMicroelectronics STPS340 Datasheet HTML 2Page - STMicroelectronics STPS340 Datasheet HTML 3Page - STMicroelectronics STPS340 Datasheet HTML 4Page - STMicroelectronics STPS340 Datasheet HTML 5Page - STMicroelectronics STPS340 Datasheet HTML 6Page - STMicroelectronics STPS340 Datasheet HTML 7Page - STMicroelectronics STPS340 Datasheet HTML 8Page - STMicroelectronics STPS340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
•
Very small conduction losses
•
Negligible switching losses
•
Low forward voltage drop
•
Low thermal resistance
•
Extremely fast switching
•
Surface mount package
•
Avalanche rated
•
ECOPACK2 component
Applications
•
Telecom power supply
•
Set-top box power supply
•
TV power supply
•
Battery charger
Description
Single chip Schottky rectifier suited for switch mode power supplies and high
frequency DC to DC converters.
Packaged in SMA Flat Notch, SMB, SMB Flat, SMC and DPAK, the STPS340 is ideal
for surface mounting and used in low voltage, high frequency inverters, free wheeling
and polarity protection applications.
Product status
STPS340
Product summary
Symbol
Value
IF(AV)
3 A
VRRM
40 V
T j(max.)
150 °C
VF(typ.)
0.52 V
40 V, 3 A power Schottky rectifier
STPS340
Datasheet
DS0792 - Rev 13 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS340 STMICROELECTRONICS-STPS340 Datasheet
101Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS340B STMICROELECTRONICS-STPS340B Datasheet
101Kb / 7P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS340B STMICROELECTRONICS-STPS340B Datasheet
141Kb / 11P
Power Schottky rectifier
08-Feb-2007
STPS340B STMICROELECTRONICS-STPS340B Datasheet
96Kb / 7P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250 Datasheet
48Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250 ONSEMI-MBR40250_11 Datasheet
117Kb / 7P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
STMicroelectronics
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
logo
Nexperia B.V. All right...
PMEG040V030EPE-Q NEXPERIA-PMEG040V030EPE-Q Datasheet
263Kb / 11P
40 V, 3 A low VF Schottky barrier rectifier
24 October 2022
PMEG4030EP-Q NEXPERIA-PMEG4030EP-Q Datasheet
255Kb / 12P
40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
PMEG040V030EPE NEXPERIA-PMEG040V030EPE Datasheet
264Kb / 11P
40 V, 3 A low VF Schottky barrier rectifier
24 October 2022
PMEG4030EP NEXPERIA-PMEG4030EP Datasheet
252Kb / 12P
40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030ER NEXPERIA-PMEG4030ER Datasheet
262Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
23 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com