Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS308RI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS308RI
Description  SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS308RI Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS308RI Datasheet HTML 1Page - Integrated Device Technology ICS308RI Datasheet HTML 2Page - Integrated Device Technology ICS308RI Datasheet HTML 3Page - Integrated Device Technology ICS308RI Datasheet HTML 4Page - Integrated Device Technology ICS308RI Datasheet HTML 5Page - Integrated Device Technology ICS308RI Datasheet HTML 6Page - Integrated Device Technology ICS308RI Datasheet HTML 7Page - Integrated Device Technology ICS308RI Datasheet HTML 8Page - Integrated Device Technology ICS308RI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS308
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
SER PROG CLOCK SYNTHESIZER
IDT™ / ICS™ SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER 2
ICS308
REV J 120507
Pin Assignment
Pin Descriptions
16
1
15
2
14
DA T A
S T RO B E
3
13
X2
4
12
X1/IC LK
SC LK
5
11
CLK 9
6
PD T S
7
VD D
8
GN D
VD D
VD D
GN D
CLK 1
CLK 5
CLK 2
CLK 6
9
10
CLK 3
CLK 7
CLK 4
CLK 8
20
19
18
17
20 pin (150 m il) SSOP (QSOP)
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
DATA
Input
Serial data input.
2
X2
XO
Crystal Output. Connect this pin to a crystal. Float for clock input.
3
X1/ICLK
XI
Connect this pin to a crystal or external clock input.
4
CLK9
Output
Output clock 9. Default of Reference frequency output when unprogrammed.
5
VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to Ground.
7
CLK1
Output
Output clock 1. Default of Reference frequency output when unprogrammed.
8
CLK2
Output
Output clock 2. Default of Reference frequency output when unprogrammed.
9
CLK3
Output
Output clock 3. Default of Reference frequency output when unprogrammed.
10
CLK4
Output
Output clock 4. Default of Reference frequency output when unprogrammed.
11
CLK8
Output
Output clock 8. Default of Reference frequency output when unprogrammed.
12
CLK7
Output
Output clock 7. Default of Reference frequency output when unprogrammed.
13
CLK6
Output
Output clock 6. Default of Reference frequency output when unprogrammed.
14
CLK5
Output
Output clock 5. Default of Reference frequency output when unprogrammed.
15
GND
Power
Connect to Ground.
16
VDD
Power
Connect to +3.3 V.
17
VDD
Power
Connect to +3.3 V.
18
PDTS
Input
Powers down entire chip, tri-states all outputs when low. Internal pull-up.
19
SCLK
Input
Serial Shift register clock. See timing diagram.
20
STROBE
Input
Strobe to load data. See timing diagram. Use external 250 kOhm pull-up.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com