Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS308RI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS308RI
Description  SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS308RI Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS308RI Datasheet HTML 1Page - Integrated Device Technology ICS308RI Datasheet HTML 2Page - Integrated Device Technology ICS308RI Datasheet HTML 3Page - Integrated Device Technology ICS308RI Datasheet HTML 4Page - Integrated Device Technology ICS308RI Datasheet HTML 5Page - Integrated Device Technology ICS308RI Datasheet HTML 6Page - Integrated Device Technology ICS308RI Datasheet HTML 7Page - Integrated Device Technology ICS308RI Datasheet HTML 8Page - Integrated Device Technology ICS308RI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS308
SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER
SER PROG CLOCK SYNTHESIZER
IDT™ / ICS™ SERIAL PROGRAMMABLE QUAD PLL VERSACLOCK SYNTHESIZER 3
ICS308
REV J 120507
Configuring the ICS308
Initial State: The ICS308 may be configured to have up to nine frequency outputs, utilizing the four
on-board PLLs. Unprogrammed, the part has the following outputs, related to the reference input clock:
The STROBE pin must have an external 250 kOhm pull-up resistor to achieve the Initial State.
The input crystal range for the ICS308 is 5 MHz to 27 MHz.
The ICS308 can be programmed to set the output functions and frequencies. 160 data bits generated by
the VersaClockTM software are written in DATA pin in this order: MSB (left most bit) first.
As show in Figure 2, after these 160 bits are clocked into the ICS308, taking STROBE high will send this
data to the internal hatch and the CLK output will lock within 10 ms.
Note: STROBE utilizes a transparent latch that is latched when in the high state. If STROBE is in the high
state and SCLK is pulsed, DATA is clocked directly to the internal latch and the output conditions will
change accordingly. Although this will not damage the ICS308, it is recommended that STROBE be kept
low while DATA is being clocked into the ICS308 in order to avoid unintended changes on the output clocks.
All outputs may be turned off during initialization by bringing the PDTS pin to Ground. When PDTS is
brought high, after the Strobe pin in brought high, the programmed output frequencies will be available.
AC Parameters for Writing to the ICS308
Default Outputs
Output
Frequency
Clock 1-9 (Pins 4, 10 - 14)
Reference Output
Parameter
Condition
Min.
Max.
Units
tSETUP
Setup time
10
ns
tHOLD
Hold time after SCLK
10
ns
tW
Data wait time
10
ns
tS
Strobe pulse width
40
ns
SCLK Frequency
30
MHz
DATA
t
hold
t
setup
SCLK
STROBE
t
s
t
w
Figure 2. Tim ing D iagram for Program m ing the IC S308
Bit160
Bit2
Bit1
Bit3
Bit159
Bit158



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com