Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340S Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS340S
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340S Datasheet(HTML) 5 Page - STMicroelectronics

  STPS340S Datasheet HTML 1Page - STMicroelectronics STPS340S Datasheet HTML 2Page - STMicroelectronics STPS340S Datasheet HTML 3Page - STMicroelectronics STPS340S Datasheet HTML 4Page - STMicroelectronics STPS340S Datasheet HTML 5Page - STMicroelectronics STPS340S Datasheet HTML 6Page - STMicroelectronics STPS340S Datasheet HTML 7Page - STMicroelectronics STPS340S Datasheet HTML 8Page - STMicroelectronics STPS340S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Figure 7. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMC)
tp(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
/ R
th(j-a)
th(j-a)
Single pulse
Figure 8. Relative variation of thermal impedance junction
to case versus pulse duration (DPAK)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Zth(j-c)/Rth(j-c)
Single pulse
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Figure 9. Reverse leakage current versus reverse voltage
applied (typical values)
IR(mA)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
5
10
15
20
25
30
35
40
Tj=150°C
Tj=125°C
Tj=100°C
Tj=75°C
Tj=25°C
VR(V)
Figure 10. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
10
100
1000
1
1 0
100
F=1MHz
V
= 30mV
T= 25°C
OSC
R MS
j
VR(V)
Figure 11. Forward voltage drop versus forward current
IF(A)
0.01
0.10
1.00
10.00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=25°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
Tj=125°C
(Maximum values)
VF(V)
Figure 12. Thermal resistance junction to ambient versus
copper surface under each lead (SMA Flat Notch)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm
SMA Flat Notch
STPS340
Characteristics (curves)
DS0792 - Rev 13
page 5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com