Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS340S Datasheet(PDF) 16 Page - STMicroelectronics

Part # STPS340S
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STPS340S Datasheet HTML 11Page - STMicroelectronics STPS340S Datasheet HTML 12Page - STMicroelectronics STPS340S Datasheet HTML 13Page - STMicroelectronics STPS340S Datasheet HTML 14Page - STMicroelectronics STPS340S Datasheet HTML 15Page - STMicroelectronics STPS340S Datasheet HTML 16Page - STMicroelectronics STPS340S Datasheet HTML 17Page - STMicroelectronics STPS340S Datasheet HTML 18Page - STMicroelectronics STPS340S Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Table 8. DPAK package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Max.
Min.
Max.
A
2.18
2.40
0.085
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
b
0.64
0.90
0.025
0.035
b4
4.95
5.46
0.194
0.215
c
0.46
0.61
0.018
0.024
c2
0.46
0.60
0.018
0.023
D
5.97
6.22
0.235
0.244
D1
4.95
5.60
0.194
0.220
E
6.35
6.73
0.250
0.265
E1
4.32
5.50
0.170
0.216
e
2.286 typ.
0.090 typ.
e1
4.40
4.70
0.173
0.185
H
9.35
10.40
0.368
0.409
L
1.0
1.78
0.039
0.070
L2
1.27
0.050
L4
0.60
1.02
0.023
0.040
V2
-8°
+8°
-8°
+8°
Figure 26. DPAK recommended footprint (dimensions in mm)
6.7
6.7
3.0
3.0
1.6
4.572
A
B
The device must be positioned within
0.05 AB
12.7
STPS340
DPAK package information
DS0792 - Rev 13
page 16/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com