Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD30M45C Datasheet(PDF) 9 Page - STMicroelectronics

Part # FERD30M45C
Description  Field effect rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30M45C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button FERD30M45C Datasheet HTML 2Page - STMicroelectronics FERD30M45C Datasheet HTML 3Page - STMicroelectronics FERD30M45C Datasheet HTML 4Page - STMicroelectronics FERD30M45C Datasheet HTML 5Page - STMicroelectronics FERD30M45C Datasheet HTML 6Page - STMicroelectronics FERD30M45C Datasheet HTML 7Page - STMicroelectronics FERD30M45C Datasheet HTML 8Page - STMicroelectronics FERD30M45C Datasheet HTML 9Page - STMicroelectronics FERD30M45C Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DocID023771 Rev 3
9/10
FERD30M45C
Ordering information
10
3
Ordering information
4
Revision history
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
FERD30M45CT
FERD30M45CT
TO-220AB
2.2 g
50
Tube
FERD30M45CG-TR
FERD30M45CG
D2PAK
1.5 g
1000
Tape and reel
FERD30M45CR
FERD30M45CR
I2PAK
1.4 g
50
Tube
Table 9. Document revision history
Date
Revision
Changes
12-Nov-2012
1
Initial release.
12-Nov-2013
2
Updated title.
11-Jul-2014
3
Added I²PAK package.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com