Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FERD30M45C Datasheet(PDF) 3 Page - STMicroelectronics

Part # FERD30M45C
Description  Field effect rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30M45C Datasheet(HTML) 3 Page - STMicroelectronics

  FERD30M45C Datasheet HTML 1Page - STMicroelectronics FERD30M45C Datasheet HTML 2Page - STMicroelectronics FERD30M45C Datasheet HTML 3Page - STMicroelectronics FERD30M45C Datasheet HTML 4Page - STMicroelectronics FERD30M45C Datasheet HTML 5Page - STMicroelectronics FERD30M45C Datasheet HTML 6Page - STMicroelectronics FERD30M45C Datasheet HTML 7Page - STMicroelectronics FERD30M45C Datasheet HTML 8Page - STMicroelectronics FERD30M45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID023771 Rev 3
3/10
FERD30M45C
Characteristics
10
To evaluate the conduction losses use the following equation:
P = 0.27 x IF(AV) + 0.012 IF
2
(RMS))
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
600
µA
Tj = 125 °C
25
50
mA
VF
(2)
Forward voltage drop
Tj = 125 °C
IF = 7.5 A
0.305
0.350
V
Tj = 125 °C
IF = 10 A
0.350
0.395
Tj = 25 °C
IF = 15 A
0.420
0.470
Tj = 125 °C
0.420
0.450
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current versus
ambient temperature (
δ = 0.5, per diode)
0
2
4
6
8
10
12
0
2
4
6
8
101214
16
18
20
PF(AV)(W)
IF(AV)(A)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1.0
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
Tamb(°C)
IF(AV)(A)
T
δ=tp/T
tp
R
R
t
t
h
h
(
(
j
j
-
-
a
c
)
)
=
Figure 3. Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 4. Forward voltage drop versus forward
current (per diode)
C(pF)
100
1000
10000
1
10
100
VR(V)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VFM(V)
I
FM(A)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com