Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4070 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4070
Description  Quad exclusive OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4070 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4070 Datasheet HTML 2Page - STMicroelectronics HCF4070 Datasheet HTML 3Page - STMicroelectronics HCF4070 Datasheet HTML 4Page - STMicroelectronics HCF4070 Datasheet HTML 5Page - STMicroelectronics HCF4070 Datasheet HTML 6Page - STMicroelectronics HCF4070 Datasheet HTML 7Page - STMicroelectronics HCF4070 Datasheet HTML 8Page - STMicroelectronics HCF4070 Datasheet HTML 9Page - STMicroelectronics HCF4070 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Device overview
HCF4070
6/12
DocID002061 Rev 5
Figure 4. Test circuit
1. CL = 50 pF or equivalent (includes jig and probe capacitance)
2. RL = 200 k
3. RT = ZOUT of pulse generator (typically 50 )
Table 7. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 kΩ, tr = tf = 20 ns)
Symbol
Parameter
Test condition
Value(1)
1. Typical temperature coefficient for all VDD values is 0.3%/°C.
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL
Propagation delay time
5
140
280
ns
10
70
130
15
50
100
tTLH tTHL
Output transition time
5
100
200
ns
10
50
100
15
40
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com