Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4070 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4070
Description  Quad exclusive OR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4070 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4070 Datasheet HTML 1Page - STMicroelectronics HCF4070 Datasheet HTML 2Page - STMicroelectronics HCF4070 Datasheet HTML 3Page - STMicroelectronics HCF4070 Datasheet HTML 4Page - STMicroelectronics HCF4070 Datasheet HTML 5Page - STMicroelectronics HCF4070 Datasheet HTML 6Page - STMicroelectronics HCF4070 Datasheet HTML 7Page - STMicroelectronics HCF4070 Datasheet HTML 8Page - STMicroelectronics HCF4070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
January 2014
DocID002061 Rev 5
1/12
HCF4070
Quad exclusive OR gate
Datasheet
- production data
Features
 Medium-speed operation
tPHL = tPLH = 70 ns (typ) at CL = 50 pF and
VDD = 10 V
 Quiescent current specified up to 20 V
 5 V, 10 V and 15 V parametric ratings
 Input leakage current
II = 100 nA (max) at VDD = 18 V, TA = 25 °C
 100% tested for quiescent current
 ESD performance
– HBM: 2 kV
– MM: 200 V
– CDM: 1 kV
Applications
 Automotive
 Industrial
 Computer
 Consumer
Description
The HCF4070 is a monolithic integrated circuit
fabricated in metal oxide semiconductor
technology available in an SO14 package.
The HCF4070 contains four independent
exclusive OR gates. This device provides the
system designer with a means for direct
implementation of the exclusive OR gate for
applications such as logical comparators,
adders/subtractors, parity generators and
checkers.
SO14
Table 1. Device summary
Order code
Temperature range
Package
Packing
Marking
HCF4070M013TR
–55 °C to +125 °C
SO14
Tape and reel
HCF4070
HCF4070YM013TR(1) –40 °C to +125 °C
SO14 (automotive grade)
HCF4070Y
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - HCF4070

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4070 STMICROELECTRONICS-HCF4070 Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4070B STMICROELECTRONICS-HCF4070B Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4070B STMICROELECTRONICS-HCF4070B Datasheet
127Kb / 8P
QUAD EXCLUSIVE OR GATE
Mar-2004
HCF4070BC1 STMICROELECTRONICS-HCF4070BC1 Datasheet
273Kb / 11P
GATES
Sep-1988
HCF4070BEY STMICROELECTRONICS-HCF4070BEY Datasheet
273Kb / 11P
GATES
Sep-1988
More results

Similar Description - HCF4070

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com