Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ISOSD61_V01 Datasheet HTML 3Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 4Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 5Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 6Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 7Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 8Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 9Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 10Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Parameter
Symbol
Min.
Typ.
Max.
Units
Test conditions
Differential nonlinearity
DNL
±0.2
LSB
No missing codes
Offset error
VVOS
-0.8
mV
Offset drift vs. temperature
TCVVOS
1.5
4.5
µV/°C
Offset drift vs. VDDISO
200
µV/V
Gain error
GE
±1.0
%
Gain error drift vs.
Temperature
TCGE
60
ppm/°C
Gain error drift vs. VDDISO
600
µV/V
ANALOG INPUTS
Full-scale differential voltage input
range
FSR
-320
+320
mV
VIN = VIN+ - VIN-
Average input bias current
IINA
–0.5
µA
VDDISO = 5V, VDD = 5V, VIN+ = 0 V;
IINA
40
50
µA
VDDISO = 5 V, VDD = 5 V, VIN+ = 300
mV;
Input capacitance
CINA
10
pF
Across VIN+ or VIN- to GNDISO
DYNAMIC CHARACTERISTICS
Signal-to-noise ratio
SNR
86
dB
VIN+=-200 mV to +200 mV
fMCLKIN = 5 to 15 MHz
VIN+=-250 mV to +250 mV
fMCLKIN = 20 MHz
Signal-to-(noise + distortion) ratio
SNDR
80
dB
Effective number of bits
ENOB
13
bits
Spurious free dynamic Range
SFDR
83
dB
Total harmonic distortion
THD
-83
dB
Common-mode transient immunity(1)
CMTI
25
30
kV/µs
Transient Pulse repetition frequency
up to 100 KHz
POWER SUPPLY
VDDISO supply current
IDDISO
35
mA
@ 25 MHz
30
mA
@ 10 MHz
VDD supply current
IDD
13
mA
VDD = 5 V,
fMCLKIN = 25 MHz
11
mA
VDD = 5 V,
fMCLKIN = 10 MHz
12.5
mA
VDD = 3.3 V,
fMCLKIN = 25 MHz
10.5
mA
VDD = 3.3 V,
fMCLKIN = 10 MHz
1. Guaranteed by characterization
Table 9. Timing specifications
Parameter
Symbo
l
Min.
Typ.
Max.
Units
Test conditions
Modulator clock input frequency
fCK
5
25
MHz
Clock duty cycle 48% to 52%
ISOSD61
Device specifications
DS13605 - Rev 11
page 7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com