Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOSD61 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISOSD61
Description  High accuracy isolated Sigma-Delta modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISOSD61 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISOSD61_V01 Datasheet HTML 10Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 11Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 12Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 13Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 14Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 15Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 16Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 17Page - STMicroelectronics ISOSD61_V01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
5.3
Application design tips
In Figure 6 below a typical application schematics is shown:
Figure 6. Typical application schematics
VDD
VDDIS O
VIN-
VIN+
N
L
VDDISO
VDD
M
330n
10R
1
2
3
4
5
6
7
8
9
10
11
12
13
15
14
16
10u
MCKIN- (LVDS only)
1
10u
MDAT- (LVDS only)
1
330n
100n
100n
10R
VDD
1
2
Shunt
MCKIN+/MCKIN
1
VDDISO
1
2
MDAT+/MDAT
1
Large use of capacitors on both VDDiso and VDD supply pins for decoupling is strongly recommended.
Though the device can withstand high transients across the isolation barrier, the application designer must take
care of board coupling between the analog front-end and the digital back-end domains. They must also take
design actions in order to avoid any loss of clearance and creepage distances. Failure to ensure these can lead to
severe permanent damage.
The analog input tracks should be kept symmetrical and equalized in impedance, to minimize additional offset.
The use of ground planes for noise reduction is recommended.
For LVDS digital interfacing, the use of termination resistors (typically 100 ohm) is recommended.
ISOSD61
Theory of operation
DS13605 - Rev 11
page 14/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com