Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L93PI Datasheet(PDF) 3 Page - STMicroelectronics

Part # L93PI
Description  QUAD LOW SIDE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L93PI Datasheet(HTML) 3 Page - STMicroelectronics

  L93PI Datasheet HTML 1Page - STMicroelectronics L93PI Datasheet HTML 2Page - STMicroelectronics L93PI Datasheet HTML 3Page - STMicroelectronics L93PI Datasheet HTML 4Page - STMicroelectronics L93PI Datasheet HTML 5Page - STMicroelectronics L93PI Datasheet HTML 6Page - STMicroelectronics L93PI Datasheet HTML 7Page - STMicroelectronics L93PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
THERMAL DATA
Symbol
Parameter
SO20 (2)
SO(12+4+4) (1)
Unit
Rth (j-pins)
Thermal resistance junction to pin
–
14 (Typ.)
°C/W
Rth (j-amb)
Thermal resistance junction to ambient mounted on
SMPCB2 board
77 to 97
–
°C/W
TjMon
Temperature-monitoring
Switch-off-level
Switch-on-level
160 to 190
140 to 170
°C
°C
(1) See SGS-THOMSON Microelectronics databook:"Thermal Management in Surface Mount Technology"
(2) See SGS-THOMSON Microelectronics databook:"Thermal characteristics of SO20"
OPERATING CONDITIONS (The electrical characteristics are valid within the below defined operating
ranges, unless otherwise specified. The function will be guaranted by design until TjMON switch-OFF-level.
Symbol
Parameter
Value
Unit
VS
Supply Voltage
4.5 to 40
V
VIN
Input pin voltage
-24 to 10
V
VEN
Enable pin voltage
-24 to 45
V
VOUT, VD
Output pin voltage
-0.3 to 45
V
Tj
Junction temperature
-40 to 150
°C
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IQ
Quiescent current
-0.3V
≤ VEN ≤ 0.5V;
VS = 14V; Tj = 85
°C
<2
10
µA
EN = high; VS
≤ 14V
1.5
2
mA
Inputs IN1 - IN4, PRG
VINIlow
Input voltage LOW
-24
2.0
V
VINhigh
Input voltage HIGH
2.8
45
V
IIN
Input current
-24V
≤ Vi ≤ 10V
-10
15
µA
Enable Input EN
VENlow
Input voltage LOW
-24
1
V
VENhigh
Input voltage HIGH
3.2
VS
V
REN
Input impedance
-24V < Vi < 2.5V
10
K
Ω
IEN
Input current
2.5V
≤ Vi ≤ 25V
20
50
µA
Outputs OUT1-OUT4
RDSon
Output ON-resistor to ground
VS
≥ 6V, IO = 0.3A
Tj = 25
°C
Tj = 125
°C
1.7
2.3
3.5
Ω
Ω
IOLeak
Leakage current
VO = VS = 14V; Tj = 85
°C
≤15
µA
VOClamp
Output voltage during clamping
time < 200
µs; 10mA ≤ Io ≤ 0.3A
45
52
60
V
IOSC
Short-circuit current
400
700
1200
mA
CO
Internal output capacities
VO
≥ 4.5V
100
pF
Diagnostic output DIAG
VDlow
Output voltage LOW
IDL
≤ 1mA
0.3
0.5
V
IDmax
Max. Output current
Internal current limitation
1
5
15
mA
IDleak
Leakage current
VS = 14V; TJ = 85
°C
≤ 0.1
1
µA
L93PI
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com