Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L93PI Datasheet(PDF) 4 Page - STMicroelectronics

Part # L93PI
Description  QUAD LOW SIDE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L93PI Datasheet(HTML) 4 Page - STMicroelectronics

  L93PI Datasheet HTML 1Page - STMicroelectronics L93PI Datasheet HTML 2Page - STMicroelectronics L93PI Datasheet HTML 3Page - STMicroelectronics L93PI Datasheet HTML 4Page - STMicroelectronics L93PI Datasheet HTML 5Page - STMicroelectronics L93PI Datasheet HTML 6Page - STMicroelectronics L93PI Datasheet HTML 7Page - STMicroelectronics L93PI Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Timing (see Fig. 1)
td,on
On delay time
VS = 14V, Cext = 0pF
10mA
≤ IO ≤ 200mA
2.5
3.5
µs
td,off
Off delay time
3
4.5
µs
tset
Enable settling time
10
µs
td,DIAG
On or Off diagnostic delay time
10
µs
Sout
Output slopes
2.5
9
16
V/
µs
VEN
VINhigh
VINlow
active
t
VPRG
VINhigh
VINlow
Inverting Mode
t
Non-Inverting Mode
VIN
VINhigh
VINlow
t
VOUT
1/2VS
t
VS
tset
td,off
td,on
td,off
td,on
td,off
td,on
tset
D95AT150
No controlled output slope for enable low
Figure 1
L93PI
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com