Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS345RP Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS345RP
Description  TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS345RP Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS345RP Datasheet HTML 1Page - Integrated Device Technology ICS345RP Datasheet HTML 2Page - Integrated Device Technology ICS345RP Datasheet HTML 3Page - Integrated Device Technology ICS345RP Datasheet HTML 4Page - Integrated Device Technology ICS345RP Datasheet HTML 5Page - Integrated Device Technology ICS345RP Datasheet HTML 6Page - Integrated Device Technology ICS345RP Datasheet HTML 7Page - Integrated Device Technology ICS345RP Datasheet HTML 8Page - Integrated Device Technology ICS345RP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICS345
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 4
ICS345
REV K 110207
Spread Spectrum Modulation
The ICS345 utilizes frequency modulation (FM) to distribute
energy over a range of frequencies. By modulating the
output clock frequencies, the device effectively lowers
energy across a broader range of frequencies; thus,
lowering a system’s electromagnetic interference (EMI). The
modulation rate is the time from transitioning from a
minimum frequency to a maximum frequency and then back
to the minimum.
Spread Spectrum Modulation can be applied as either
“center spread” or “down spread”. During center spread
modulation, the deviation from the target frequency is equal
in the positive and negative directions. The effective
average frequency is equal to the target frequency. In
applications where the clock is driving a component with a
maximum frequency rating, down spread should be applied.
In this case, the maximum frequency, including modulation,
is the target frequency. The effective average frequency is
less than the target frequency.
The ICS345 operates in both center spread and down
spread modes. For center spread, the frequency can be
modulated between ±0.125% to ±2.0%. For down spread,
the frequency can be modulated between -0.25% to -4.0%.
Both output frequency banks will utilize identical spread
spectrum percentage deviations and modulation rates, if a
common VCO frequency can be identified.
Spread Spectrum Modulation Rate
The spread spectrum modulation frequency applied to the
output clock frequency may occur at a variety of rates. For
applications requiring the driving of “down-circuit” PLLs,
Zero Delay Buffers, or those adhering to PCI standards, the
spread spectrum modulation rate should be set to 30-33
kHz. For other applications, a 120 kHz modulation option is
available.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS345. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Storage Temperature
-65
150
° C
Soldering Temperature
Max 10 seconds
260
° C
Junction Temperature
125
° C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com