Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS345RP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS345RP
Description  TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS345RP Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS345RP Datasheet HTML 1Page - Integrated Device Technology ICS345RP Datasheet HTML 2Page - Integrated Device Technology ICS345RP Datasheet HTML 3Page - Integrated Device Technology ICS345RP Datasheet HTML 4Page - Integrated Device Technology ICS345RP Datasheet HTML 5Page - Integrated Device Technology ICS345RP Datasheet HTML 6Page - Integrated Device Technology ICS345RP Datasheet HTML 7Page - Integrated Device Technology ICS345RP Datasheet HTML 8Page - Integrated Device Technology ICS345RP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS345
IDT™ / ICS™ TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 1
ICS345
REV K 110207
Description
The ICS345 field programmable clock synthesizer
generates up to nine high-quality, high-frequency clock
outputs including multiple reference clocks from a
low-frequency crystal or clock input. It is designed to
replace crystals and crystal oscillators in most electronic
systems.
Using IDT’s VersaClockTM software to configure PLLs and
outputs, the ICS345 contains a One-Time Programmable
(OTP) ROM to allow field programmability. Programming
features include eight selectable configuration registers, up
to two sets of four low-skew outputs, and optional Spread
Spectrum outputs.
Using Phase-Locked Loop (PLL) techniques, the device
runs from a standard fundamental mode, inexpensive
crystal, or clock. It can replace multiple crystals and
oscillators, saving board space and cost.
The ICS345 is also available in factory programmed custom
versions for high-volume applications.
Features
• Packaged as 20-pin SSOP (QSOP)
• Spread spectrum capability
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 200 MHz at 3.3 V
• Input crystal frequency of 5 to 27 MHz
• Input clock frequency of 2 to 50 MHz
• Up to nine reference outputs
• Up to two sets of four low-skew outputs
• Operating voltages of 3.3 V
• Advanced, low-power CMOS process
• For one output clock, use the ICS341. For two output
clocks, see the ICS342. For three output clocks, see the
ICS343. For more than three outputs, see the ICS345 or
ICS348.
• Available in Pb (lead) free packaging
Block Diagram
C rystal
O scillator
PLL1 with
Spread
Spec trum
GN D
2
3
VDD
PD TS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S 0
CLK1
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
3
OT P
RO M
with
PLL
Values
X2
C rystal or
cloc k input
E xternal capacitors are
required w ith a crystal input.
X1/ICLK


Similar Part No. - ICS345RP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345RP ICST-ICS345RP Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
More results

Similar Description - ICS345RP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS309 ICST-ICS309 Datasheet
132Kb / 8P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
Revision 122704
logo
Integrated Device Techn...
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS309 IDT-ICS309 Datasheet
123Kb / 10P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com