Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ380 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L99DZ380
Description  Automotive high end front door module with 2 LIN and CAN FD
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ380 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L99DZ380 Datasheet HTML 43Page - STMicroelectronics L99DZ380 Datasheet HTML 44Page - STMicroelectronics L99DZ380 Datasheet HTML 45Page - STMicroelectronics L99DZ380 Datasheet HTML 46Page - STMicroelectronics L99DZ380 Datasheet HTML 47Page - STMicroelectronics L99DZ380 Datasheet HTML 48Page - STMicroelectronics L99DZ380 Datasheet HTML 49Page - STMicroelectronics L99DZ380 Datasheet HTML 50Page - STMicroelectronics L99DZ380 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 172 page
background image
Table 48. CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
tCSN_HI,min(1)
Minimum CSN HI time,
active mode
Transfer of SPI-command to Input register
0.5
μs
B.033
tCSNfail(1)
CSN low timeout
Tested by scan
20
35
50
ms
B.034
1. Parameter is specified by design, not tested in production.
Figure 9. SPI transfer timing diagram
1
2
3
4
5
6
7
0
0
1
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
0
1
0
1
CSN high to low: DO enabled
time
DI: data will be accepted on the rising edge of CLK signal
23
22
21
20
19
18
23
22
21
20
19
18
23
22
21
20
19
18
X
X
X
X
X
X
CSN
CLK
DI
DO
Input
Data
Register
DO: data will change on the falling edge of CLK signal
fault bit
new data
old data
CSN low to high: actual data is
transferred to output power switches
25
time
time
time
time
31
30
29
28 27 26 25
24
X
X
5
4
3
2
0
30
31
1
31
30
29
28 27 26 25
24
X
X
5
4
3
2
0
30
31
1
31
30
29
28 27 26 25
24
X
X
5
4
3
2
0
30
31
1
CSN high to low: DO enabled
DI: data will be accepted on the rising edge of CLK signal
time
The SPI can be driven by a microcontroller with its SPI peripheral running in the following mode: CPOL = 0 and
CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and output data is changed
from the high to low transition of CLK.
Figure 10. SPI input timing
0.8 VCC
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
0.2 VCC
Valid
Valid
CSN
CLK
DI
t
set CSN
t
CLKH
t
set CLK
t
CLKL
t
hold DI
t
set DI
L99DZ380
Electrical specifications
DS14014 - Rev 5
page 47/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com