Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ380 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99DZ380
Description  Automotive high end front door module with 2 LIN and CAN FD
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ380 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99DZ380 Datasheet HTML 17Page - STMicroelectronics L99DZ380 Datasheet HTML 18Page - STMicroelectronics L99DZ380 Datasheet HTML 19Page - STMicroelectronics L99DZ380 Datasheet HTML 20Page - STMicroelectronics L99DZ380 Datasheet HTML 21Page - STMicroelectronics L99DZ380 Datasheet HTML 22Page - STMicroelectronics L99DZ380 Datasheet HTML 23Page - STMicroelectronics L99DZ380 Datasheet HTML 24Page - STMicroelectronics L99DZ380 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
2.4.10
Outputs HB1-HB6, HB20, HB21, HS7-HS19, HS0, ECV, ECDR
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V ≤ VS ≤ 18 V, all outputs open, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 16. Outputs HB1–HB6, HB20, HB21, HS7–HS19, HS0, ECV, ECDR
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
rON HB1, HB6, HB21
On-resistance to
supply or GND
VS = 13.5 V, TA = 25 °C,
IHB1,HB6, HB21 = ±1.5 A
300
400
mΩ D.001
VS = 13.5 V, TA = 125 °C,
IHB1,HB6, HB21 = ±1.5 A
450
600
mΩ D.002
rON HB2, HB3
On-resistance to
supply or GND
VS = 13.5 V, TA = 25 °C,
IHB2,HB3 = ±0.4 A
1600 2200 mΩ D.005
VS = 13.5 V, TA = 125 °C,
IHB2,HB3 = ±0.4 A
2500 3400 mΩ D.006
rON HB4
On-resistance to
supply or GND
VS = 13.5 V, TA = 25 °C,
IHB4 = ±3 A
150
200
mΩ D.093
VS = 13.5 V, TA = 125 °C,
IHB4 = ±3 A
225
300
mΩ D.094
rON HB5, HB20
On-resistance to
supply or GND
VS = 13.5 V, TA = 25 °C,
IHB5 = ±3 A
100
140
mΩ D.095
VS = 13.5 V, TA = 125 °C,
IHB5 = ±3 A
140
190
mΩ D.096
rON HS7
On-resistance to
supply
in low resistance mode
VS = 13.5 V, TA = 25 °C,
IHS7 = -1.1 A
300
420
mΩ D.007
VS = 13.5 V, TA = 125 °C,
IHS7 = -1.1 A
450
620
mΩ D.008
On-resistance to
supply in high
resistance mode
VS = 13.5 V, TA = 25 °C,
IHS7 = -0.2 A
1600 2200 mΩ D.009
VS = 13.5 V, TA = 125 °C,
IHS7 = -0.2 A
2500 3400 mΩ D.010
rON HS8, HS9, HS10
On-resistance to
supply
VS = 13.5 V, TA = 25 °C,
IHS8,HS9,HS10 = -0.4 A
1400 2200 mΩ D.011
VS = 13.5 V, TA = 125 °C,
IHS8,HS9,HS10 = -0.4 A
2700 3400 mΩ D.012
rON HS0, HS11, HS12,
HS13, HS14, HS15, HS16,
HS17, HS18, HS19
On-resistance to
supply
VS = 13.5 V, TA = 25 °C,
IHS0,HS11,HS12,HS13,HS14,HS15,HS16,HS17,HS18,HS19 = -60 mA
7
10
Ω
D.017
VS = 13.5 V, TA = 125 °C,
IHS0,HS11,HS12,HS13,HS14,HS15,HS16,HS17,HS18,HS19 = -60 mA
11
15
Ω
D.018
rON ECV
On-resistance to GND
VS = 13.5 V, TA = 25 °C,
IOUTECV,ECFD = +0.4 A
1600 2200 mΩ D.019
VS = 13.5 V, TA = 125 °C,
IOUTECV,ECFD = 0.4 A
2500 3400 mΩ D.020
IQLH
Switched-off output
current
high-side drivers of
HS7-HS15, HS0,
HS16-HS19 (1)
VOUT = 0 V, standby mode
-5
µA
D.021
VOUT = 0 V, active mode
-10
µA
D.022
L99DZ380
Electrical specifications
DS14014 - Rev 5
page 21/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com