Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5064FN Datasheet(PDF) 12 Page - STMicroelectronics

Part # ETC5064FN
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064FN Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ETC5064FN Datasheet HTML 8Page - STMicroelectronics ETC5064FN Datasheet HTML 9Page - STMicroelectronics ETC5064FN Datasheet HTML 10Page - STMicroelectronics ETC5064FN Datasheet HTML 11Page - STMicroelectronics ETC5064FN Datasheet HTML 12Page - STMicroelectronics ETC5064FN Datasheet HTML 13Page - STMicroelectronics ETC5064FN Datasheet HTML 14Page - STMicroelectronics ETC5064FN Datasheet HTML 15Page - STMicroelectronics ETC5064FN Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TRANSMISSION CHARACTERISTICS (continued).
ENVELOPE DELAY DISTORTION WITH FREQUENCY
Symbol
Parameter
Min.
Typ.
Max.
Unit
DXA
Transmit Delay, Absolute (f = 1600 Hz)
290
315
µs
DXR
Transmit Delay, Relative to DXA
f = 500 Hz-600 Hz
f = 600 Hz-800 Hz
f = 800 Hz-1000 Hz
f = 1000 Hz-1600 Hz
f = 1600 Hz-2600Hz
f = 2600 Hz-2800 Hz
f = 2800 Hz-3000 Hz
195
120
50
20
55
80
130
220
145
75
40
75
105
155
µs
DRA
Receive Delay, Absolute (f = 1600 Hz)
180
200
µs
DRR
Receive Delay, Relative to DRA
f = 500 Hz-1000 Hz
f = 1000 Hz-1600 Hz
f = 1600 Hz-2600 Hz
f = 2600 Hz-2800 Hz
f = 2800 Hz-3000 Hz
–40
–30
–25
–20
70
100
145
90
125
175
µs
NOISE
Symbol
Parameter
Min.
Typ.
Max.
Unit
NXP
Transmit Noise, P Message (A-LAW, VFXI
+ = 0 V) Weighted 1)
ETC5064
ETC5064-X
–74
–74
–69
–67
dBm0p
dBm0p
NRP
Receive Noise, P Message Weighted
(A-LAW, PCM Code Equals Positive Zero)
– 82
– 79
dBm0p
NXC
Transmit Noise, C Message Weighted
(
µ-LAW, VFxI + =0 V)
ETC5064
ETC5064-X
12
12
15
16
dBrnC0
dBrnC0
NRC
Receive Noise, C Message Weighted
(
µ-LAW, PCM Code Equals Alternating Positive and Negative Zero)
8
11
dBrnC0
NRS
Noise, Single Frequency
f = 0 kHz to 100 kHz, Loop around Measurement, VFXI
+ =0 V
– 53
dBm0
PPSRX
Positive Power Supply Rejection, Transmit (note 2)
VCC = 5.0 VDC + 100 mVrms, f = 0 kHz-50 kHz
40
dBp
NPSRX
Negative Power Supply Rejection, Transmit (note 2)
VBB = 5.0 VDC + 100 mVrms, f = 0 kHz-50 kHz
40
dBp
PPSRR
Positive Power Supply Rejection, Receive (PCM code equals
positive zero, VCC = 5.0 VDC + 100 mVrms)
f = 0 Hz-4000Hz
A LAW
µ LAW
f = 4 kHz-25 kHz
f = 25 kHz-50 kHz
40
40
40
36
dBp
dBc
dB
dB
NPSRR
Negative Power Supply Rejection, Receive (PCM code equals
positive zero, VBB = – 5.0 VDC + 100 mVrms)
f = 0 Hz-4000Hz
A LAW
µ LAW
f = 4 kHz-25 kHz
f = 25 kHz-50 kHz
40
40
40
36
dBp
dBc
dB
dB
SOS
Spurious out-of-band Signals at the Channel Output
0 dBm0, 300 Hz-3400 Hz input PCM applied at DR
4600 Hz-7600 Hz
7600 Hz-8400 Hz
8400 Hz-100,000 Hz
–32
–40
–32
dB
dB
dB
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com