Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5064FN Datasheet(PDF) 14 Page - STMicroelectronics

Part # ETC5064FN
Description  POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064FN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ETC5064FN Datasheet HTML 10Page - STMicroelectronics ETC5064FN Datasheet HTML 11Page - STMicroelectronics ETC5064FN Datasheet HTML 12Page - STMicroelectronics ETC5064FN Datasheet HTML 13Page - STMicroelectronics ETC5064FN Datasheet HTML 14Page - STMicroelectronics ETC5064FN Datasheet HTML 15Page - STMicroelectronics ETC5064FN Datasheet HTML 16Page - STMicroelectronics ETC5064FN Datasheet HTML 17Page - STMicroelectronics ETC5064FN Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
APPLICATION INFORMATION
POWER SUPPLIES
While the pins at the ETC506X family are well pro-
tected against electrical misure, it is recommended
that the standard CMOS practice be followed, en-
suring that ground is connected to the device before
any other connections are made. In applications
where the printed circuit board may be plugged into
a ”hot” socket with power and clocks already pre-
sent, an extra long ground pin in the connector
should be used.
All ground connections to each device should meet
at a common point as close as possible to the GNDA
pin. This minimizes the interaction of ground return
currents flowing through a common bus impedance.
0.1
µF supply decoupling capacitors should be con-
nected from this common ground point to VCC and
VBB as close to the device as possible.
For best performance, the ground point of each
CODEC/FILTER on a card should be connected to
a common card ground in star formation, rather than
via a ground bus. This common ground point should
be decoupled to VCC and VBB with 10
µF capaci-
tors.
For best performance, TSx should be grounded if
not used.
Figure 4 : Typical Asynchronous Application.
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
14/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com