Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC393D Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC393D
Description  SNx4HC393 Dual 4-Bit Binary Counters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC393D Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC393D Datasheet HTML 1Page - Texas Instruments SN74HC393D Datasheet HTML 2Page - Texas Instruments SN74HC393D Datasheet HTML 3Page - Texas Instruments SN74HC393D Datasheet HTML 4Page - Texas Instruments SN74HC393D Datasheet HTML 5Page - Texas Instruments SN74HC393D Datasheet HTML 6Page - Texas Instruments SN74HC393D Datasheet HTML 7Page - Texas Instruments SN74HC393D Datasheet HTML 8Page - Texas Instruments SN74HC393D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3 Pin Configuration and Functions
SN54HC393 J or W Package, 14-Pin CDIP or CFP;
SN74HC393 D, DB, DYY, N, NS, or PW Package; 14-
Pin SOIC, SSOP, SOT-23, TVSOP, SOP, or TSSOP
(Top View)
A.
NC - No internal connection
SN54HC393 FK Package, 20-Pin LCCC
(Top View)
Table 3-1. Pin Functions
PIN
TYPE1
DESCRIPTION
NAME
NO.
1CLK
1
I
Counter 1 Clock Input
1CLR
2
I
Counter 1 Clear Input
1QA
3
O
Counter 1 A Output
1QB
4
O
Counter 1 B Output
1QC
5
O
Counter 1 B Output
1QD
6
O
Counter 1 B Output
GND
7
G
Ground
2QD
8
O
Counter 2 D Output
2QC
9
O
Counter 2 C Output
2QB
10
O
Counter 2 B Output
2QA
11
O
Counter 2 A Output
2CLR
12
I
Counter 2 Clear Input
2CLK
13
I
Counter 2 Clock Input
VCC
14
P
VCC
1. I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
SN54HC393, SN74HC393
SCLS143E – DECEMBER 1982 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54HC393 SN74HC393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com