Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HC393D Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC393D
Description  SNx4HC393 Dual 4-Bit Binary Counters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC393D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC393D Datasheet HTML 6Page - Texas Instruments SN74HC393D Datasheet HTML 7Page - Texas Instruments SN74HC393D Datasheet HTML 8Page - Texas Instruments SN74HC393D Datasheet HTML 9Page - Texas Instruments SN74HC393D Datasheet HTML 10Page - Texas Instruments SN74HC393D Datasheet HTML 11Page - Texas Instruments SN74HC393D Datasheet HTML 12Page - Texas Instruments SN74HC393D Datasheet HTML 13Page - Texas Instruments SN74HC393D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
the Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent
power disturbance. A 0.1μF capacitor is recommended for this device. It is acceptable to parallel multiple bypass
capacitors to reject different frequencies of noise. The 0.1μF and 1μF capacitors are commonly used in parallel.
The bypass capacitor should be installed as close to the power terminal as possible for best results.
7.2 Layout
7.2.1 Layout Guidelines
• Bypass capacitor placement
– Place near the positive supply terminal of the device
– Provide an electrically short ground return path
– Use wide traces to minimize impedance
– Keep the device, capacitors, and traces on the same side of the board whenever possible
• Signal trace geometry
– 8mil to 12mil trace width
– Lengths less than 12cm to minimize transmission line effects
– Avoid 90° corners for signal traces
– Use an unbroken ground plane below signal traces
– Flood fill areas around signal traces with ground
– For traces longer than 12cm
• Use impedance controlled traces
• Source-terminate using a series damping resistor near the output
• Avoid branches; buffer signals that must branch separately
7.2.2 Layout Example
W
W
≥ 5W
WORST
BETTER
BEST
Figure 7-1. Example Trace Corners for Improved Signal Integrity
SN54HC393, SN74HC393
SCLS143E – DECEMBER 1982 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54HC393 SN74HC393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com