Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS393DYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HCS393DYYR
Description  SNx4HC393 Dual 4-Bit Binary Counters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS393DYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS393DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
4.6 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (Figure 5-1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25℃
SN54HC393
SN74HC393
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
f max
CLK
QA
2 V
6
10
4.2
5
MHz
4.5 V
31
50
21
25
6 V
36
60
25
28
tpd
CLK
QA
2 V
50
120
180
150
ns
4.5 V
15
24
36
30
6 V
13
20
31
26
QB
2 V
72
190
285
240
4.5 V
22
38
57
47
6 V
18
32
48
40
QC
2 V
91
240
360
300
4.5 V
28
48
72
60
6 V
22
41
61
51
QD
2 V
100
290
430
360
4.5 V
32
58
87
72
6 V
24
50
74
62
tPHL
CLR
Any
2 V
45
165
250
205
4.5 V
17
33
49
41
6 V
14
28
42
35
tt
Any
2 V
28
75
110
95
ns
4.5 V
8
15
22
19
6 V
6
13
19
16
4.7 Operating Characteristics
TA = 25℃
PARAMETER
TEST CONDITIONS
TYP UNIT
CPD
Power dissipation capacitance
No load
40
pF
SN54HC393, SN74HC393
SCLS143E – DECEMBER 1982 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54HC393 SN74HC393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com