Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS393DYYR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HCS393DYYR
Description  SNx4HC393 Dual 4-Bit Binary Counters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HCS393DYYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS393DYYR Datasheet HTML 1Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS393DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
SNx4HC393 Dual 4-Bit Binary Counters
1 Features
• Wide operating voltage range of 2V to 6V
• Outputs can drive up to 10 LSTTL loads
• Low power consumption: 80μA max ICC
• Typical tpd = 13ns
• ±4mA output drive at 5V
• Low input current of 1μA max
• Dual 4-bit binary counters with individual clocks
• Direct clear for each 4-bit counter
• Can significantly improve system densities by
reducing counter package count by 50%
2 Description
The ’HC393 devices contain eight flip-flops and
additional gating to implement two individual 4-bit
counters in a single package.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4HC393
D (SOIC, 14)
8.65 mm x 6mm
8.65 mm x 3.9 mm
N (PDIP, 14))
19.3mm x 9.4mm
19.3mm x 6.35mm
NS (SOP, 14)
10.3 mm x 7.8mm
10.3 mm x 5.3 mm
DB (SSOP, 14)
6.2 mm x 7.8mm
6.2 mm x 5.3 mm
PW (TSSOP, 14)
5 mm x 6.4mm
5 mm x 4.4 mm
DYY (SOT-23, 14)
4.2mm x 3.26mm
4.2mm x 2mm
J (CDIP, 14)
19.55mm x 7.9mm
19.55 mm x 6.7mm
W (CFP, 14)
9.21mm x 9 mm
9.21mm x 6.28mm
FK (LCCC, 14)
8.9mm x 8.9mm
8.9mm x 8.9mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram, Each Counter (Positive Logic)
SN54HC393, SN74HC393
SCLS143E – DECEMBER 1982 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS393DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS393DYYR TI-SN74HCS393DYYR Datasheet
1Mb / 32P
DUAL 4-BIT BINARY COUNTERS
JULY 2003
More results

Similar Description - SN74HCS393DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
Dual 4-bit Binary Counters
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
DUAL 4-BIT BINARY COUNTERS
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
Dual 4-bit Binary Counters
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com