Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD040 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN65MLVD040
Description  SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 17Page - Texas Instruments SN65MLVD040 Datasheet HTML 18Page - Texas Instruments SN65MLVD040 Datasheet HTML 19Page - Texas Instruments SN65MLVD040 Datasheet HTML 20Page - Texas Instruments SN65MLVD040 Datasheet HTML 21Page - Texas Instruments SN65MLVD040 Datasheet HTML 22Page - Texas Instruments SN65MLVD040 Datasheet HTML 23Page - Texas Instruments SN65MLVD040 Datasheet HTML 24Page - Texas Instruments SN65MLVD040 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
tc(n)
1/f0
PeriodJitter
PeaktoPeakJitter
1/f0
PRBSINPUT
OUTPUT
CLOCKINPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
tjit(per) = |tc(n) -1/f0|
tjit(pp)
VA -VB
INPUTS
VA -VB
VCM
0.2Vpk
Type2
0.4Vpk
VOH
VCC/2
VOL
VOH
VOL
VCC/2
VOH
VOL
VCC/2
VA
VB
CycletoCycleJitter
VOH
VCC/2
VOL
OUTPUT
tc(n)
tc(n+1)
tjit(cc) =|tc(n) -tc(n+1) |
1V
Type1
A.
All input pulses are supplied by the Agilent 81250 Parallel BERT Stimulus System with plug-in E4832A.
B.
The cycle-to-cycle measurement is made on a TEK TDS6604 running TDSJIT3 application software.
C.
All other jitter measurements are made with an Agilent Infiniium DCA-J 86100C Digital Communications Analyzer.
D.
Period jitter and cycle-to-cycle jitter are measured using a 125 MHz 50 ±1% duty cycle clock input. Measured over 75K samples.
E.
Deterministic jitter and random jitter are measured using a 250 Mbps 215–1 PRBS input. Measured over BER = 10-12
Figure 6-12. Receiver Jitter Measurement Waveforms
www.ti.com
SN65MLVD040
SLLS902A – FEBRUARY 2010 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com