Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD040 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65MLVD040
Description  SN65MLVD040 4-Channel Half-Duplex M-LVDS Line Transceivers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments SN65MLVD040 Datasheet HTML 10Page - Texas Instruments SN65MLVD040 Datasheet HTML 11Page - Texas Instruments SN65MLVD040 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
5.9 Driver Switching Characterisitics
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-
high-level output
See Figure 6-5
1.3
1.9
2.4
ns
tpHL
Propagation delay time, high-to-
low-level output
1.3
1.9
2.4
ns
tr
Differential output signal rise time
0.9
2
ns
tf
Differential output signal fall time
0.9
2.2
ns
tsk(o)
Output skew
200
ps
tsk(p)
Pulse skew (|tPHL – tPLH|)
150
ps
tsk(pp)
Part-to-part skew (2)
300
ps
tjit(per)
Period jitter, rms (1 standard
deviation)(3)
All channels switching, 125 MHz
clock input(4), see Figure 6-8
2
ps
tjit(c-c)
Cycle-to-cycle jitter, rms(3)
9
ps
tjit(det)
Deterministic jitter(3)
All channels switching, 250 Mbps
215–1 PRBS input(4), see Figure 6-8
290
ps
tjit(r)
Random jitter(3)
4
ps
tPZH
Enable time, high-impedance-to-
high-level output
See Figure 6-6
7
ns
tPZL
Enable time, high-impedance-to-
low-level output
7
ns
tPHZ
Disable time, high-level-to-high-
impedance output
7
ns
tPLZ
Disable time, low-level-to-high-
impedance output
7
ns
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
tr = tf = 0.5 ns (10% to 90%)
SN65MLVD040
SLLS902A – FEBRUARY 2010 – REVISED MARCH 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com