Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2545CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2545CT
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2545CT Datasheet HTML 1Page - STMicroelectronics STPS2545CT Datasheet HTML 2Page - STMicroelectronics STPS2545CT Datasheet HTML 3Page - STMicroelectronics STPS2545CT Datasheet HTML 4Page - STMicroelectronics STPS2545CT Datasheet HTML 5Page - STMicroelectronics STPS2545CT Datasheet HTML 6Page - STMicroelectronics STPS2545CT Datasheet HTML 7Page - STMicroelectronics STPS2545CT Datasheet HTML 8Page - STMicroelectronics STPS2545CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STPS2545C
2/11
DocID8736 Rev 5
1
Characteristics
Table 2: Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current δ = 0.5,
square wave
TC = 160 °C
Per diode
12.5
A
TC = 155 °C
Per device
25
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal
200
A
PARM
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
345
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature (1)
175
°C
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
1.1
Rth(c)
Coupling
0.6
°C/W
When the diodes 1 and 2 are used simultaneously:
ΔTj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 4: Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
125
µA
Tj = 125 °C
-
9
25
mA
VF(1)
Forward voltage drop
Tj = 125 °C
IF = 12.5 A
-
0.50
0.57
V
Tj = 25 °C
IF = 25 A
-
0.84
Tj = 125 °C
-
0.65
0.72
Notes:
(1)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.42 x IF(AV) + 0.012 x IF2(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com