Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2545CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2545CT
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2545CT Datasheet HTML 1Page - STMicroelectronics STPS2545CT Datasheet HTML 2Page - STMicroelectronics STPS2545CT Datasheet HTML 3Page - STMicroelectronics STPS2545CT Datasheet HTML 4Page - STMicroelectronics STPS2545CT Datasheet HTML 5Page - STMicroelectronics STPS2545CT Datasheet HTML 6Page - STMicroelectronics STPS2545CT Datasheet HTML 7Page - STMicroelectronics STPS2545CT Datasheet HTML 8Page - STMicroelectronics STPS2545CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS2545C
Characteristics
DocID8736 Rev 5
3/11
1.1
Characteristics (curves)
Figure 1: Conduction losses versus average
current, per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values, per diode)
0
1
2
3
4
5
6
7
8
9
10
0.0
2.5
5.0
7.5
10.0
12.5
15.0
= 0.05
= 0.1
= 0.2
= 0.5
= 1
T
= tp/T
tp
δ
δ
δ
δ
δ
δ
PF(AV)(W)
IF(AV)(A)
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
175
T
(°C)
amb
Rt h(j-a)=Rth(j-c)
Rth(j-a)= 50° C/W
T
=tp/T
tp
δ
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0. 0
0. 1
0. 2
0. 3
0. 4
0. 5
0.6
0. 7
0. 8
0. 9
1. 0
1.E - 03
1.E - 02
1.E - 01
1.E + 00
t (s )
P
= 0.5
= 0.2
= 0.1
S ingle puls e
T
=tp/T
tp
Zth(j-c) /Rth(j-c)
δ
δ
δ
δ
1.E - 03
1.E - 02
1.E - 01
1.E + 00
1.E + 01
1.E + 02
0
5
10
15
20
25
30
35
40
45
V (V)
R
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
IR(mA)
0. 1
1. 0
10.0
V (V)
R
F =1MHz
Vosc=30mV
Tj=25°C
C (nF)
0
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com