Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045DJF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3045DJF
Description  45 V, 30 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045DJF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3045DJF Datasheet HTML 1Page - STMicroelectronics STPS3045DJF Datasheet HTML 2Page - STMicroelectronics STPS3045DJF Datasheet HTML 3Page - STMicroelectronics STPS3045DJF Datasheet HTML 4Page - STMicroelectronics STPS3045DJF Datasheet HTML 5Page - STMicroelectronics STPS3045DJF Datasheet HTML 6Page - STMicroelectronics STPS3045DJF Datasheet HTML 7Page - STMicroelectronics STPS3045DJF Datasheet HTML 8Page - STMicroelectronics STPS3045DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
Characteristics
Table 1. Absolute Ratings (limiting values at 25 °C, unless otherwise specified, anode terminals short
circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
Forward rms current
45
A
IF(AV)
Average forward current, δ = 0.5, square wave
TC = 120 °C
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
380
A
PARM
Repetitive peak avalanche power
tp = 10 µs , Tj = 125 °C
900
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(1)
175
°C
1. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameters
Symbol
Parameter
Max. value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
For more information, please refer to the following application note :
•
AN5046 : Printed circuit board assembly recommendations for STMicroelectronics PowerFLAT™ packages
Table 3. Static electrical characteristics (anode terminals short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
300
µA
Tj = 125 °C
-
20
80
mA
VF (1)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-
0.56
V
Tj = 125 °C
-
0.41
0.46
Tj = 25 °C
IF = 30 A
-
0.64
Tj = 125 °C
-
0.50
0.56
1. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.43 x IF(AV) + 0.00433 IF 2 (RMS)
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPS3045DJF
Characteristics
DS6592 - Rev 5
page 2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com