Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3045DJF
Description  45 V, 30 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045DJF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3045DJF Datasheet HTML 1Page - STMicroelectronics STPS3045DJF Datasheet HTML 2Page - STMicroelectronics STPS3045DJF Datasheet HTML 3Page - STMicroelectronics STPS3045DJF Datasheet HTML 4Page - STMicroelectronics STPS3045DJF Datasheet HTML 5Page - STMicroelectronics STPS3045DJF Datasheet HTML 6Page - STMicroelectronics STPS3045DJF Datasheet HTML 7Page - STMicroelectronics STPS3045DJF Datasheet HTML 8Page - STMicroelectronics STPS3045DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Very small conduction losses
•
Negligible switching losses
•
Extremely fast switching
•
Low forward voltage drop
•
Low thermal resistance
•
High avalanche capability specified
•
Thin package: 1 mm
•
ECOPACK®2 compliant
Applications
•
Telecom power supply
•
Desktop power supply
Description
This Schottky rectifier is ideally suited for switch mode power supply and high
frequency DC to DC converters.
Packaged in PowerFLAT™ 5x6, the STPS3045DJF is optimized for use in low
voltage high frequency inverters, free-wheeling and polarity protection applications.
Its low profile was especially designed to be used in applications with space-saving
constraints.
PowerFLAT™ is a trademark of STMicroelectronics.
Product status link
STPS3045DJF
Product summary
Symbol
Value
IF(AV)
30 A
VRRM
45 V
Tj (max.)
175 °C
VF (typ.)
0.50 V
45 V, 30 A power Schottky rectifier
STPS3045DJF
Datasheet
DS6592 - Rev 5 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS3045DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3045DJF STMICROELECTRONICS-STPS3045DJF Datasheet
114Kb / 7P
Power Schottky rectifier
20-May-2011
STPS3045DJF-Y STMICROELECTRONICS-STPS3045DJF-Y Datasheet
247Kb / 10P
Automotive power Schottky rectifier
12-Jul-2016
STPS3045DJFY-TR STMICROELECTRONICS-STPS3045DJFY-TR Datasheet
247Kb / 10P
Automotive power Schottky rectifier
12-Jul-2016
More results

Similar Description - STPS3045DJF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
logo
STMicroelectronics
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
STPS1230SF STMICROELECTRONICS-STPS1230SF Datasheet
322Kb / 9P
30 V power Schottky rectifier
DS12695 - Rev 1 - July 2018
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com