Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1230SF Datasheet (PDF) - STMicroelectronics

STPS1230SF Datasheet PDF - STMicroelectronics
Part # STPS1230SF
Download  STPS1230SF Download
File Size   322.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V power Schottky rectifier

STPS1230SF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS1230SF Datasheet PDF - STMicroelectronics

Part # STPS1230SF
Download  STPS1230SF Click to download

File Size   322.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V power Schottky rectifier

STPS1230SF Datasheet (HTML) - STMicroelectronics


STPS1230SF Product details

Features
• Low profile design – package height of 1.1 mm typ.
• Wettable flanks for automatic visual inspection
• Low forward voltage drop
• Avalanche capability
• ECOPACK® 2 compliant

Applications
• Battery charger
• Telecom
• DC / DC converter
• Cordless appliance
• SSD

Description
This 30 V Schottky barrier rectifier has been optimized for use in high frequency
miniature DC/DC converters, reverse battery protection, battery chargers and
adaptors.
Packaged in PSMC (TO-277A), the STPS1230SF provides a high level of
performance in a compact and flat package which can withstand high operating
junction temperature.




Similar Part No. - STPS1230SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS12045 STMICROELECTRONICS-STPS12045 Datasheet
126Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS12045TV STMICROELECTRONICS-STPS12045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS12045TV STMICROELECTRONICS-STPS12045TV Datasheet
126Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS120L15 STMICROELECTRONICS-STPS120L15 Datasheet
185Kb / 9P
15 V power Schottky rectifier
17-Sep-2018
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
More results


Similar Description - STPS1230SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com