Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1230SF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1230SF
Description  30 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1230SF Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1230SF Datasheet HTML 1Page - STMicroelectronics STPS1230SF Datasheet HTML 2Page - STMicroelectronics STPS1230SF Datasheet HTML 3Page - STMicroelectronics STPS1230SF Datasheet HTML 4Page - STMicroelectronics STPS1230SF Datasheet HTML 5Page - STMicroelectronics STPS1230SF Datasheet HTML 6Page - STMicroelectronics STPS1230SF Datasheet HTML 7Page - STMicroelectronics STPS1230SF Datasheet HTML 8Page - STMicroelectronics STPS1230SF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94,V0
•
Cooling method : by conduction (C)
Figure 8. PSMC (TO-277A) package outline
Table 4. PSMC (TO-277A) package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.00
1.10
1.20
0.039
0.043
0.047
b
1.05
1.20
1.35
0.041
0.047
0.053
b2
1.90
2.05
2.20
0.075
0.081
0.087
b4
0.75
0.029
C
0.15
0.23
0.40
0.006
0.009
0.016
D
4.45
4.60
4.75
0.175
0.181
0.187
D1
4.25
4.40
4.45
0.167
0.173
0.175
D2
3.40
3.60
3.70
0.134
0.142
0.146
STPS1230SF
Package information
DS12695 - Rev 1
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com