Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1230SF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1230SF
Description  30 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1230SF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1230SF Datasheet HTML 1Page - STMicroelectronics STPS1230SF Datasheet HTML 2Page - STMicroelectronics STPS1230SF Datasheet HTML 3Page - STMicroelectronics STPS1230SF Datasheet HTML 4Page - STMicroelectronics STPS1230SF Datasheet HTML 5Page - STMicroelectronics STPS1230SF Datasheet HTML 6Page - STMicroelectronics STPS1230SF Datasheet HTML 7Page - STMicroelectronics STPS1230SF Datasheet HTML 8Page - STMicroelectronics STPS1230SF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Low profile design – package height of 1.1 mm typ.
•
Wettable flanks for automatic visual inspection
•
Low forward voltage drop
•
Avalanche capability
•
ECOPACK®2 compliant
Applications
•
Battery charger
•
Telecom
•
DC / DC converter
•
Cordless appliance
•
SSD
Description
This 30 V Schottky barrier rectifier has been optimized for use in high frequency
miniature DC/DC converters, reverse battery protection, battery chargers and
adaptors.
Packaged in PSMC (TO-277A), the STPS1230SF provides a high level of
performance in a compact and flat package which can withstand high operating
junction temperature.
Product status link
STPS1230SF
Product summary
Symbol
Value
IF(AV)
12 A
VRRM
30 V
Tj (max.)
150 °C
VF (typ.)
0.40 V
30 V power Schottky rectifier
STPS1230SF
Datasheet
DS12695 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1230SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS12045 STMICROELECTRONICS-STPS12045 Datasheet
126Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS12045TV STMICROELECTRONICS-STPS12045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS12045TV STMICROELECTRONICS-STPS12045TV Datasheet
126Kb / 4P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS120L15 STMICROELECTRONICS-STPS120L15 Datasheet
185Kb / 9P
15 V power Schottky rectifier
17-Sep-2018
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
More results

Similar Description - STPS1230SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1 Datasheet
58Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
April, 2006 ??Rev. 0
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com