Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30901 Datasheet(PDF) 33 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 30901 Datasheet HTML 29Page - Wiha Tools 30901 Datasheet HTML 30Page - Wiha Tools 30901 Datasheet HTML 31Page - Wiha Tools 30901 Datasheet HTML 32Page - Wiha Tools 30901 Datasheet HTML 33Page - Wiha Tools 30901 Datasheet HTML 34Page - Wiha Tools 30901 Datasheet HTML 35Page - Wiha Tools 30901 Datasheet HTML 36Page - Wiha Tools 30901 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
#32722
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.2
12.0mm
1
.24
Oblique Angled Cutters, 29O, Flush
Oblique Cutters drop-forged for an ideal material structure. Precise
aligned cutting edges are additionally induction hardened at a hardness
of Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32722
Flush
Semi Flush
Ultra Full Flush
Flush
#32724
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.0
12.0mm
1
.24
Oblique Angled Cutters, 29O, Full Flush
Oblique Cutters drop-forged for an ideal material structure. Precise
aligned cutting edges are additionally induction hardened at a hardness
of Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32724
#32726
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
115
4.5
1.2
12.0mm
1
.24
Oblique Angled Cutters, 29O, Short Head,
Semi Flush
Oblique Cutters drop-forged for an ideal material structure. Precise
aligned cutting edges are additionally induction hardened at a hardness
of Approx. 64OHRC. Two component non-slip soft grip handle,
ESD Safe Dissipative. ESD standard IEC 61340-5-1
32726
#32728
mm
Inch
Copper
Head Wdth
Pkg.
lbs.
130
5.1
0.6
8.5mm
1
.21
Oblique Front Cutters, Very Small Head, 40O, Flush
Oblique Cutters drop-forged for an ideal material structure. Precise
aligned cutting edges are additionally induction hardened at a hardness
of Approx. 64OHRC. Two component non-slip soft grip handle, ESD
Safe Dissipative. ESD standard IEC 61340-5-1
32728
115mm
115mm
115mm
130mm
7.5mm
12.0mm
7.5mm
12.0mm
7.5mm
12.0mm
6.2mm
9.7mm
Wiha ESD Safe Pliers & Cutters
Oblique Angled Cutters
Oblique Angled Cutters
Oblique Angled Cutters
Oblique Front Cutters
ESD Safe Tool Set In Canvas Pouch
#32793 11 piece ESD Safe Pliers & Slotted/Phillips Precision Drivers
Set in custom case includes:
ESD Safe Pliers & Cutters
32705 4.5” Tapered Flush Cutters
32742 4.5” Snipe Nose Pliers
32728 4.375” Oblique Cutters
32746 5.7” Long Nose Pliers
ESD Safe Screwdrivers
27220 Slotted 2.0mm
27305 Phillips #00
27225 Slotted 2.5mm
27310 Phillips #0
27230 Slotted 3.0mm
27320 Phillips #1
27235 Slotted 3.5mm
lbs. 2.43
11 Piece Set, 4 ESD Safe Pliers, Slotted & Phillips
Screwdrivers Pliers drop-forged for an ideal material structure.
Two component non-slip soft grip handle. ESD standard IEC 61340-5-1
32793
D
D
D
D
D
33
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com