Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30901 Datasheet(PDF) 8 Page - Wiha Tools

Part # 30901
Description  Professional Pliers/Cutters & Crimpers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30901 Datasheet(HTML) 8 Page - Wiha Tools

Back Button 30901 Datasheet HTML 4Page - Wiha Tools 30901 Datasheet HTML 5Page - Wiha Tools 30901 Datasheet HTML 6Page - Wiha Tools 30901 Datasheet HTML 7Page - Wiha Tools 30901 Datasheet HTML 8Page - Wiha Tools 30901 Datasheet HTML 9Page - Wiha Tools 30901 Datasheet HTML 10Page - Wiha Tools 30901 Datasheet HTML 11Page - Wiha Tools 30901 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Item
No.
mm
Inch
Pkg. lbs.
32850
180
7.0
#6
1
.46
Inomic Combo Pliers. Insulation According to EN/IEC 60900,
ASTM F-1505-01, NFPA70E & CSA,
up to 1000 volt. Individually
Tested. DIN ISO 5749 Precision machined forged head. Induction
hardened for longest tool life. Cross hatched flat jaw & deep cut radius
jaws for secure gripping of the work piece. Cutting edges are matched
for precise cutting action. Award winning ergonomic design with head
mounted at 23° angle to grip for reduced user fatigue. Palm side of grip
has molded soft panel for added comfort in prolonged use.
32850
Cutting Capacity
Copper AWG
1000volt
Item
No.
mm
Inch
Pkg. lbs.
32852
160
6.3
#6
1
.43
Cutting Capacity
Copper AWG
Item
No.
mm
Inch
Pkg. lbs.
32854
160
6.3
#6
1
.41
Inomic Diagonal Cutters
32854
Cutting Capacity
Copper AWG
Wiha Inomic 1000Volt Insulated Pliers
1000V
Insulation Standards:
EN/IEC 60900, ASTM F-1505-01, NFPA70E & CSA
Each tool includes
a convenient
jaw lock & handle
return spring
Heads drop
forged CV
premium tool
steel
Tools Meet 10,000 Volt
Test Standards
Rated to 1000 Volt ac
or 1500 Volt dc
Inomic Canvas Holster
Item
Width
Height
No.
Size
Size
lbs.
pkg.
91230
4.0
x
4.5
.05
1
91230
Holds
any
Inomic
Pliers
8
Item#
32859 Set Includes:
lbs. 1.45
32850 - Combo Pliers
32854 - Diagonal Cutters
32852 - Long Nose Pliers
91230 - Inomic Holster (Includes 3)
3 Pc. Insulated Inomic Pliers/Cutters Set
Meets ASTM, EN/IEC, NFPA, CSA, ISO specifications.
Award winning ergonomic design with head mounted
at 23° angle to grip for reduced user fatigue.
32859
Three
Holsters
Included
Award winning ergonomic
design with head mounted at
23° angle to grip for reduced
user fatigue
Tools Meet 10,000 Volt Test Standards Rated
to 1000 Volt ac or 1500 Volt dc
Inomic Long Nose Pliers
32852
#32850
#32852
#32854
Wiha Insulated Pliers and Cutters Sets
10 Piece Pliers & Screwdriver Set. Insulation According to
VDE 0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and
CSA,
up to 1000 volt. Individually Tested.
Item#
32891 Set Includes:
lbs. 5.44
32818 - 8.0” Combination Pliers
32808 - 8.0” Long Nose
32838 - 8.0” Side Cutters
32848 - 6.75” Cable Cutters
32860 - 6.3” Universal Wire Stripper
Insulated Phillips #1, #2, #3
Insulated Slotted 4.5, 6.5mm
32891
• Pliers drop-forged
from special tool steel,
individually high
frequency induction
hardened, chrome
and nickel plated,
mirror-polished.
• In zipper carry case
8 Piece Pliers & Cutters Set. Insulation According to VDE
0682/part 201, EN/IEC 60900, ASTM F-1505-01, NFPA70E and CSA,
up to 1000 volt. Individually Tested.
Item#
32889 Set Includes:
lbs. 4.53
32806 - 6.3” Long Nose Pliers
32808 - 8.0” Long Nose Pliers
32814 - 6.3” Lineman’s Pliers
32832 - 6.3” Diagonal Cutters
32820 - 9.0” Lineman’s Pliers
32838 - 8.0” High Lev. Cutters
32860 - 6.3” Wire Stripping Pliers
15000 - Electrician’s Knife
32889
• Pliers drop-forged
from special tool steel,
individually high
frequency induction
hardened, chrome
and nickel plated,
mirror-polished.
1000volt
1000volt
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com