Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200S Datasheet(PDF) 12 Page - STMicroelectronics

Part # GS-D200S
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button GS-D200S Datasheet HTML 8Page - STMicroelectronics GS-D200S Datasheet HTML 9Page - STMicroelectronics GS-D200S Datasheet HTML 10Page - STMicroelectronics GS-D200S Datasheet HTML 11Page - STMicroelectronics GS-D200S Datasheet HTML 12Page - STMicroelectronics GS-D200S Datasheet HTML 13Page - STMicroelectronics GS-D200S Datasheet HTML 14Page - STMicroelectronics GS-D200S Datasheet HTML 15Page - STMicroelectronics GS-D200S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12/17
12
9
1
12
9
1
Figure 14: GS-D200 and GS-D200S Phase Current Programming
12
8
1
12
8
1
osc
osc
fC < 17 KHz
fC >17KHz
Figure 15: Chopper Frequency Programming
Chopper Frequency Programming
The chopper frequency is internally set to 17kHz,
and it can be changed by addition of external
components as follows. To increase the chopper
frequency a resistor must be connected between
Oscillator (pin 8) and Vss (pin 12, see fig. 15).
The resistor value is calculated according to the
formula:
Rf
=
306
fc
− 17 =
k
Ω
where fc
= kHz Rf≥ 18kΩ
To decrease the chopper frequency a capacitor
must be connected between Oscillator (pin 8) and
Gnd1 (pin 1). The capacitor value is calculated
according to the formula:
Cf
=
80.5
− 4.7fc
fc
= nF where fc = kHz
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com