Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200S Datasheet(PDF) 15 Page - STMicroelectronics

Part # GS-D200S
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button GS-D200S Datasheet HTML 9Page - STMicroelectronics GS-D200S Datasheet HTML 10Page - STMicroelectronics GS-D200S Datasheet HTML 11Page - STMicroelectronics GS-D200S Datasheet HTML 12Page - STMicroelectronics GS-D200S Datasheet HTML 13Page - STMicroelectronics GS-D200S Datasheet HTML 14Page - STMicroelectronics GS-D200S Datasheet HTML 15Page - STMicroelectronics GS-D200S Datasheet HTML 16Page - STMicroelectronics GS-D200S Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Ppw =1.1
• [2•1.8•1•0.25+2•1•1•0.75 + 0.5 • 1]
Ppw =1.1
• [0.9 + 1.5 + 0.5] = 3.19 W
The factor 1.1 takes into account the power dissi-
pation during the switching transient.
SLOW DECAY. The power dissipation during the
ON period is the same. The RECIRCULATION is
made internally through a power transistor
(Vsatsink) and a diode. The power dissipation is,
therefore:
Ppw = 1.1
•[2 Vsat•Iph •D.C.+(Vsat+Vd)•Iph •(1-D.C.)]
Ppw =1.1
•[2•1.8 •1•0.25 + (1.8 + 1) • 1 • 0.75]
Ppw =1.1
• [0.9 + 2.1] = 3.3 W
WAVE MODE. When operating in this mode the
power dissipation is given by values of FAST and
SLOW DECAY mode, because one phase is ener-
gized at any given time.
NORMAL MODE. At any given time, two windings
are always energized. The power dissipation of the
power output stage is therefore multiplied by a
factor 2.
HALF STEP. The power sequence, one-phase-on,
two-phase-on forces the power dissipation to be
1.5 times higher than in WAVE MODE when the
motor is running. In stall condition the worst case
for power dissipation is with two-phase-on i.e. a
power dissipation as in NORMAL MODE.
The following table summarizes the power dissipa-
tions of the output power stage of the GS-D200
when running for this example:
Wave
Normal
Half Step
Fast Decay
3.19 W
6.38 W
6.38 W
Slow Decay
3.30 W
6.60 W
6.60 W
q
Calculate the total power dissipation for the GS-
D200 :
Ptot =Plogic +Ppw
In this example, for slow decay and normal mode
Ptot = 1.1 + 6.6 = 7.7 W
q
The case temperature can now be calculated:
Tcase =Tamb +(Ptot
•Rth) = 55 + (7.7 • 5) = 93.5 °C
q
If the calculated case temperature exceeds the
maximum allowed case temperature, as in this
example, an external heat-sink is required and the
thermal resistance can be calculated according to:
Rthtot
=
Tcmax
− Tamb
Ptot
=
85
− 55
7.7
= 3.9 °C
and then
Rthhs
=
Rth
⋅ Rthtot
Rth
− Rthtot
=
5
⋅ 3.9
5
− 3.9 =
17.7
°C
The following table gives the thermal resistance of
some commercially available heath-sinks that fit on
the GS-D200 module.
Manufacturer Part Number
Rth (°C/W)
Mounting
Thermalloy
6177
3
Horizontal
Thermalloy
6152
4
Vertical
Thermalloy
6111
10
Vertical
Fischer
SK18
3
Vertical
Assman
V5440
4
Vertical
Assman
V5382
4
Horizontal
15/17
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com