Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-DC200S Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-DC200S
Description  STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-DC200S Datasheet(HTML) 2 Page - STMicroelectronics

  GS-DC200S Datasheet HTML 1Page - STMicroelectronics GS-DC200S Datasheet HTML 2Page - STMicroelectronics GS-DC200S Datasheet HTML 3Page - STMicroelectronics GS-DC200S Datasheet HTML 4Page - STMicroelectronics GS-DC200S Datasheet HTML 5Page - STMicroelectronics GS-DC200S Datasheet HTML 6Page - STMicroelectronics GS-DC200S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C and VS=24V unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vs
DC Supply Voltage
12
40
V
Is
Quiescent Supply Current
150
mA
Vi
Logic Input Voltage
Low
High
2
0.8
5
V
V
Vo
Logic Output Voltage
Low
High
2
0.8
5
V
V
Iph
Programmable Phase Current
GS-DC200
GS-DC200S/SS
2
2.5
A
A
fc
Chopper Frequency
17
kHz
tcpw
Clock Pulse Width
5
µs
trpw
Reset Pulse Width (Internal)
500
µs
COMMUNICATION PORT CHARACTERISTICS
SIGNAL LINES
3(TXD, RXD, GND)
BAUD RATE RANGE
110 to 9600
FORMAT
1 Start Bit
7 Data Bit
2 Stop Bit
Odd Parity
MOTION CHARACTERISTICS
Speed Range
10 to 10000 steps
Speed Resolution
10 steps
Ramp Length
1 to 999 steps
Ramp Resolution
1 step
Positioning Range (GS-DC200/S)
0 to 9999999
Positioning Range (GS-DC200SS)
–8388608 to
+8388607
Single Movement Range
1 to 999999 steps
Positioning Resolution
1 step
Positioning Repeatibility
± 0 step
Program Storage Capability
119 Bytes
2/7
GS-DC200 Family



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com