Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-DC200S Datasheet(PDF) 5 Page - STMicroelectronics

Part # GS-DC200S
Description  STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-DC200S Datasheet(HTML) 5 Page - STMicroelectronics

  GS-DC200S Datasheet HTML 1Page - STMicroelectronics GS-DC200S Datasheet HTML 2Page - STMicroelectronics GS-DC200S Datasheet HTML 3Page - STMicroelectronics GS-DC200S Datasheet HTML 4Page - STMicroelectronics GS-DC200S Datasheet HTML 5Page - STMicroelectronics GS-DC200S Datasheet HTML 6Page - STMicroelectronics GS-DC200S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GS-DC FAMILY BUS CONNECTOR PINS DESCRIPTION
The GS-DC family uses a 32 pin (16+16) DIN 41612-VG 95324 male connector and a RS-232 connector.
DIN BUS CONNECTOR (J1)
Pin
Row a
Signal
Row c
Signal
1
Ground
Not used
2
Ground
Not used
3
Ground
Power driver enable input
4
Ground
Power driver control input
5
Ground
Half/Full step select
6
Ground
User input 3
7
Ground
User input 2
8
Ground
User output 3
9
Ground
User input 1
10
Ground
User output 2
11
Ground
End-of-travel switch
12
Ground
User output 1
13
Ground
Home switch
14
Ground
Prog. under execution output
15
Not used
Not used
16
Not used
Not used
17
Not used
Not used
18
Not used
Not used
19
Not used
Not used
20
Not used
Not used
21
Phase D output
Phase D output
22
Phase C output
Phase C output
23
Phase B output
Phase B output
24
Phase A output
Phase A output
25
Step enable input
Stop enable input
26
Ramp in execution logic output
Ramp in execution logic output
27
Motor moving
Motor moving
28
+5V output
+5V output
29
Supply voltage
Supply voltage
30
Supply voltage
Supply voltage
31
Supply ground
Supply ground
32
Supply ground
Supply ground
5/7
GS-DC200 Family



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com