Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87421AMILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS87421AMILF
Description  첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87421AMILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS87421AMILF Datasheet HTML 6Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 7Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 8Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 9Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 10Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 11Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 12Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 13Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IDT™ / ICS™ LVDS CLOCK GENERATOR
10
ICS87421AMI REV. A OCTOBER 3, 2007
ICS87421I
÷1/÷2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS87421I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS87421I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
•
Power_
MAX
= V
DD_MAX
* I
DD_MAX
= 3.465V * 55mA = 198.58mW
2.
Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air
flow and a multi-layer board, the appropriate value is 96°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.199W * 96°C/W = 104.1°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and
the type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
8-PIN SOIC, FORCED CONVECTION
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
96°C/W
87°C/W
82°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com