Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87421AMILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS87421AMILF
Description  첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87421AMILF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS87421AMILF Datasheet HTML 1Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 2Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 3Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 4Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 5Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 6Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 7Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 8Page - Integrated Device Technology ICS87421AMILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
÷1/÷2 DIFFERENTIAL-TO-LVDS
CLOCK GENERATOR
ICS87421I
IDT™ / ICS™ LVDS CLOCK GENERATOR
1
ICS87421AMI REV. A OCTOBER 3, 2007
GENERAL DESCRIPTION
The ICS87421I is a high perfor mance ÷1/÷2
Differential-to-LVDS Clock Generator and a mem-
ber of the HiPerClockS™ family of High Perfor-
mance Clock Solutions from IDT. The CLK, nCLK
pair can accept most standard differential input
levels. The ICS87421I is characterized to operate from a 3.3V
power supply. Guaranteed part-to-part skew characteristics
make the ICS87421I ideal for those clock distribution applica-
tions demanding well defined performance and repeatability.
FEATURES
• One differential LVDS output
• One differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum clock input frequency: 1GHz
• Translates any single ended input signal (LVCMOS, LVTTL,
GTL) to LVDS levels with resistor bias on nCLK input
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 1.7ns (maximum)
• Additive phase jitter, RMS @ 155.52MHz: 0.17ps (typical)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS87421I
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
CLK
nCLK
MR
F_SEL
1
2
3
4
HiPerClockS™
ICS
VDD
Q
nQ
GND
8
7
6
5
Q
nQ
CLK
nCLK
MR
F_SEL
0
1
÷1
÷2
R


Similar Part No. - ICS87421AMILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results

Similar Description - ICS87421AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A MARCH 16, 2001
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
(첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
Renesas Technology Corp
87421 RENESAS-87421 Datasheet
408Kb / 16P
÷1/÷2 Differential-to-LVDS Clock Generator
June 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com