Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87421 Datasheet (PDF) - Renesas Technology Corp

87421 Datasheet PDF - Renesas Technology Corp
Part # 87421
Download  87421 Download
File Size   408.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ÷1/÷2 Differential-to-LVDS Clock Generator

87421 Datasheet (PDF)

Go To PDF Page Download Datasheet
87421 Datasheet PDF - Renesas Technology Corp

Part # 87421
Download  87421 Click to download

File Size   408.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ÷1/÷2 Differential-to-LVDS Clock Generator

87421 Datasheet (HTML) - Renesas Technology Corp


87421 Product details

FEATURES
• One differential LVDS output
• One differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum clock input frequency: 1GHz
• Translates any single ended input signal (LVCMOS, LVTTL,
GTL) to LVDS levels with resistor bias on nCLK input
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 1.7ns (maximum)
• Additive phase jitter, RMS @ 155.52MHz: 0.17ps (typical)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement device use 87321




Similar Part No. - 87421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
1.50mm (.059") Pitch Pico-SPOX?
logo
MolexKits
87421-0000 MOLEXKITS-87421-0000 Datasheet
24Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
87421-0000 MOLEX9-87421-0000 Datasheet
254Kb / 4P
1.50mm (.059") Pico-SPOX??Crimp Terminal, Female, Tin(Sn), 24-30 AWG, Reel
logo
MolexKits
87421-0000- MOLEXKITS-87421-0000- Datasheet
39Kb / 3P
SMT Vertical and Right Angle Header and Receptacle
87421-0000-C MOLEXKITS-87421-0000-C Datasheet
43Kb / 5P
Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
More results


Similar Description - 87421

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
87321I RENESAS-87321I Datasheet
521Kb / 19P
÷1, ÷2 Differential-TO-LVPECL Clock Generator
January 25, 2016
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com