Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87421 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 87421
Description  ÷1/÷2 Differential-to-LVDS Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87421 Datasheet(HTML) 3 Page - Renesas Technology Corp

  87421 Datasheet HTML 1Page - Renesas Technology Corp 87421 Datasheet HTML 2Page - Renesas Technology Corp 87421 Datasheet HTML 3Page - Renesas Technology Corp 87421 Datasheet HTML 4Page - Renesas Technology Corp 87421 Datasheet HTML 5Page - Renesas Technology Corp 87421 Datasheet HTML 6Page - Renesas Technology Corp 87421 Datasheet HTML 7Page - Renesas Technology Corp 87421 Datasheet HTML 8Page - Renesas Technology Corp 87421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
87421 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
3
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD
= 3.3V±5%, TA = -40°C TO 85°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD
= 3.3V±5%, TA = -40°C TO 85°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD
= 3.3V±5%, TA = -40°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD
+ 0.5 V
Outputs, I
O
Continuous Current
10mA
Surge Current
15mA
Package Thermal Impedance,
θ
JA
96°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Positive Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
55
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input High Voltage
1.37
V
DD
+ 0.3
V
V
IL
Input Low Voltage
-0.3
0.7
V
I
IH
Input High Current
MR, F_SEL
V
DD
= V
IN
= 3.465V
150
µA
I
IL
Input Low Current
MR, F_SEL
V
DD
= 3.465V, V
IN
= 0V
-5
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
I
IH
Input High Current
CLK
V
DD
= V
IN
= 3.465V
150
µA
nCLK
V
DD
= V
IN
= 3.465V
5
µA
I
IL
Input Low Current
CLK
V
DD
= 3.465V, V
IN
= 0V
-5
µA
nCLK
V
DD
= 3.465V, V
IN
= 0V
-150
µA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CMR
Common Mode Input Voltage;
NOTE 1
GND + 0.5
V
DD
- 0.85
V
NOTE 1: Common mode voltage is defined as V
IH
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com