Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87421 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 87421
Description  ÷1/÷2 Differential-to-LVDS Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87421 Datasheet(HTML) 1 Page - Renesas Technology Corp

  87421 Datasheet HTML 1Page - Renesas Technology Corp 87421 Datasheet HTML 2Page - Renesas Technology Corp 87421 Datasheet HTML 3Page - Renesas Technology Corp 87421 Datasheet HTML 4Page - Renesas Technology Corp 87421 Datasheet HTML 5Page - Renesas Technology Corp 87421 Datasheet HTML 6Page - Renesas Technology Corp 87421 Datasheet HTML 7Page - Renesas Technology Corp 87421 Datasheet HTML 8Page - Renesas Technology Corp 87421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
÷1/÷2 Differential-to-LVDS
Clock Generator
87421
Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
1
GENERAL DESCRIPTION
The
87421I
is
a
high
perf or mance
÷1/÷2
Differential-to-LVDS Clock Generator. The CLK, nCLK
pair can accept most standard
diff erential input
levels. The 87421I is characterized to operate from a 3.3V
power supply. Guaranteed part-to-part skew characteristics
make the 87421I ideal for those clock distribution applications
demanding well defined performance and repeatability.
FEATURES
• One differential LVDS output
• One differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input lev-
els: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum clock input frequency: 1GHz
• Translates any single ended input signal (LVCMOS, LVTTL,
GTL) to LVDS levels with resistor bias on nCLK input
• Part-to-part skew: 500ps (maximum)
• Propagation delay: 1.7ns (maximum)
• Additive phase jitter, RMS @ 155.52MHz: 0.17ps (typical)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement device use 87321
BLOCK DIAGRAM
PIN ASSIGNMENT
87421I
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
CLK
nCLK
MR
F_SEL
1
2
3
4
VDD
Q
nQ
GND
8
7
6
5
Q
nQ
CLK
nCLK
MR
F_SEL
0
1
÷1
÷2
R
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES MAY 6, 2017


Similar Part No. - 87421

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
1.50mm (.059") Pitch Pico-SPOX?
logo
MolexKits
87421-0000 MOLEXKITS-87421-0000 Datasheet
24Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
87421-0000 MOLEX9-87421-0000 Datasheet
254Kb / 4P
1.50mm (.059") Pico-SPOX??Crimp Terminal, Female, Tin(Sn), 24-30 AWG, Reel
logo
MolexKits
87421-0000- MOLEXKITS-87421-0000- Datasheet
39Kb / 3P
SMT Vertical and Right Angle Header and Receptacle
87421-0000-C MOLEXKITS-87421-0000-C Datasheet
43Kb / 5P
Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
More results

Similar Description - 87421

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
REV. B DECEMBER 2, 2004
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
874S02I IDT-874S02I Datasheet
401Kb / 17P
1:1 Differential-to-LVDS Zero Delay Clock Generator
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
1:5 Differential-to-LVDS Zero Delay Clock Generator
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
87321I RENESAS-87321I Datasheet
521Kb / 19P
÷1, ÷2 Differential-TO-LVPECL Clock Generator
January 25, 2016
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com