Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R218 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R218
Description  27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R218 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R218 Datasheet HTML 1Page - STMicroelectronics GS-R218 Datasheet HTML 2Page - STMicroelectronics GS-R218 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS-R218
27W SWITCHING REGULATOR
FOR AUTOMOTIVE APPLICATION
June 1994
1/3
Type
Vi
Vo
Io
GS-R218
10,5 to 16,0 V
18 V
1,5 A
DESCRIPTION
The GS-R218 is a switching voltage regulator that
can deliver an output current of 1,5 A at 18 V when
supplied by a car battery.
The regulator uses a cigar lighter case with a coiled
cord and it is protected against overloads and short
circuits at the output (latching overload protection:
to restart the regulator after the intervention of the
overload protection, the input voltage must be
switched OFF and ON again).
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 18 V
Io = 0 to 1.5 A
10.5
16
V
liq
Input Quiescent
Current
Vi = 13 V
Io = 0 A
17
mA
Vo
Output Voltage
Vi = 10.5 to 16 V Io = 0 to 1.5A
16.6
18
18.7
V
Io
Output Current
Vi = 10.5 to 16V
0.0
1.5
A
Iol
Output Overload
Current
Vi = 10.5 to 16 V
1.6
A
Vor
Output Ripple Voltage
Vi = 13 V
Io = 1.5A
200
mVpp
η
Efficiency
Vi = 13 V
Io = 1.5A
90
%
fs
Switching Frequency
300
kHz
Top
Operating Ambient
Temperature Range
– 20
+60
°C
Tstg
Storage Temperature
Range
– 20
+85
°C


Similar Part No. - GS-R218

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R240001.5 STMICROELECTRONICS-GS-R240001.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240181.5 STMICROELECTRONICS-GS-R240181.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240251.5 STMICROELECTRONICS-GS-R240251.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240331.5 STMICROELECTRONICS-GS-R240331.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
GS-R240501.5 STMICROELECTRONICS-GS-R240501.5 Datasheet
67Kb / 7P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
Jun-2004
More results

Similar Description - GS-R218

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK60A08J1 TOSHIBA-TK60A08J1 Datasheet
190Kb / 6P
Switching Regulator Application
TK70D06J1 TOSHIBA-TK70D06J1_09 Datasheet
224Kb / 6P
Switching Regulator Application
logo
KODENSHI_AUK CORP.
SMK1360FD KODENSHI-SMK1360FD Datasheet
347Kb / 8P
SWITCHING REGULATOR APPLICATION
SMN03T80IS KODENSHI-SMN03T80IS Datasheet
391Kb / 8P
SWITCHING REGULATOR APPLICATION
SMN0250F KODENSHI-SMN0250F Datasheet
350Kb / 8P
SWITCHING REGULATOR APPLICATION
SMK0990CI KODENSHI-SMK0990CI Datasheet
263Kb / 8P
SWITCHING REGULATOR APPLICATION
SMK0825FZ KODENSHI-SMK0825FZ Datasheet
324Kb / 8P
SWITCHING REGULATOR APPLICATION
logo
First Silicon Co., Ltd
MJE13003 FS-MJE13003 Datasheet
103Kb / 2P
SWITCHING REGULATOR APPLICATION.
MJE13003A FS-MJE13003A Datasheet
191Kb / 2P
SWITCHING REGULATOR APPLICATION.
MJE13003I FS-MJE13003I Datasheet
211Kb / 2P
SWITCHING REGULATOR APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com