Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R218 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-R218
Description  27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R218 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-R218 Datasheet HTML 1Page - STMicroelectronics GS-R218 Datasheet HTML 2Page - STMicroelectronics GS-R218 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
20 (0.79)
5 (0.20)
15 (0.59)
31 (1.22)
103 (4.06)
15 (0.59)
8 (0.31)
6 (0.24)
SM 1.5 x 45º
(0.07 x 45º)
20
(0.79)
5 (0.20)
23 (0.91)
12.5
(0.49)
24
(0.94)
23 (0.91)
Red (+ Vout)
Black (- Vout)
Coiled cable
52 (2.05)
4 (0.16)
13.5
(0.53)
28
(1.10)
100 (3.94)
approx. 230 (9.06)
Total cable length
(extension max):
2000 (78.7)
European View
Output connector to be defined according to customer specifications
Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
GS-R218



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com