Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE2512-R002 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRE2512-R002
Description  CRE2512 - High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRE2512-R002 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRE2512-R002 Datasheet HTML 1Page - Bourns Electronic Solutions CRE2512-R002 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Mn/Cu alloy resistor
■ Power rating at 70 °C: 2 W, 3 W
■ Inductance less than 5 nH
■ Low EMF
■ RoHS compliant*
Applications
■ Power supplies
■ Stepper motor drives
■ Battery packs
■ White goods
CRE2512 - High Power Current Sense Chip Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
Characteristic
CRE2512
Power Rating @ 70 °C
2 W
3 W
Metal Strip Alloy
Mn/Cu
Operating Temperature Range
-55 °C to +170 °C
Derated to Zero Load at
+170 °C
Maximum Working Current
(P / R)1/2
Insulation Resistance
> 100 megohms
Resistance Range
1 m
Ω ∼ 9 mΩ
Resistance Tolerance
±1 %
Temperature Coefficient
±75 PPM/°C
Product Dimensions
Recommended Solder Pad Layout
A
B
SENSING TRACE
Cu TRACE
L
T
CC
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Performance Characteristics
Test
Conditions
Specification
Thermal Shock
-55 ˚C to + 150 ˚C,
ΔR ±(0.5 % + 0.0005 Ω)
1000 Cycles, 15 minutes
Short Time Overload
5 X Rated Power for 5 seconds
ΔR ±(0.5 % + 0.0005 Ω)
Low Temperature
-55 ˚C for 24 hours
ΔR ±(0.5 % + 0.0005 Ω)
Storage
High Temperature
Exposure
1000 hours @ + 170 ˚C
ΔR ±(1.0 % + 0.0005 Ω)
Bias Humidity
+ 85 ˚C, 85 % RH, 10 % Bias,
ΔR ±(0.5 % + 0.0005 Ω)
1000 hours
Mechanical Shock
100 g’s for 6 milliseconds, 5 pulses
ΔR ±(0.5 % + 0.0005 Ω)
Vibration
Frequency varied 10 to 2000 KHz
ΔR ±(0.5% + 0.0005 Ω)
in one minute, 3 directions, 12 hours
Load Life
1000 hours at rated power at
ΔR ±(1.0% + 0.0005 Ω)
+70 ˚C, 1.5 hours on, 0.5 hours off
Resistance to Solder
+260 ˚C Solder, 10-12 second dwell,
ΔR ±(0.5 % + 0.0005 Ω)
Heat
25 mm/second emergence
Moisture Resistance
MIL-STD-202 Method 106, 0 % power
ΔR ±(0.5% + 0.0005 Ω)
(7a and 7b not required)
DIMENSIONS:
MM
(INCHES)
Model
Dimension
AB
L
CRE2512-R001
~
CRE2512-R003
4.0
(.0157)
3.1
(0.122)
1.3
(0.052)
CRE2512-R004
~
CRE2512-R009
4.0
(.0157)
2.1
(0.083)
4.1
(0.161)
Model
Dimension
AB
C
T
CRE2512-R001 ~
CRE2512-R003
6.45 ± 0.20
(0.254 ± 0.008)
3.35 ± 0.20
(0.131 ± 0.008)
2.00 ± 0.20
(0.079 ± 0.008)
0.70 ± 0.20
(0.0276 ± 0.008)
CRE2512-R004 ~
CRE2512-R009
6.45 ± 0.20
(0.254 ± 0.008)
3.35 ± 0.20
(0.131 ± 0.008)
0.95 ± 0.20
(0.037 ± 0.008)
0.70 ± 0.20
(0.0276 ± 0.008)
A
B
C
C
Typical Part Marking
CRE2512-R001 ~
CRE2512-R003
CRE2512-R004 ~
CRE2512-R009
R005


Similar Part No. - CRE2512-R002

ManufacturerPart #DatasheetDescription
logo
CRE Semiconductor Inc.
CRE2535 CRE-CRE2535 Datasheet
1Mb / 9P
Primary-side controlled high-precision constant voltage/constant current PWM controller
CRE2536 CRE-CRE2536 Datasheet
1Mb / 9P
Primary-side controlled high-precision constant voltage/constant current PWM controller
CRE2538 CRE-CRE2538 Datasheet
1Mb / 9P
Primary-side controlled high-precision constant voltage/constant current PWM controller
More results

Similar Description - CRE2512-R002

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
logo
Bourns Electronic Solut...
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR1206-0R007F1 RIEDON-CSR1206-0R007F1 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com