Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS4J-4026 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CSS4J-4026
Description  Model CSS4J-4026 Series Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS4J-4026 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CSS4J-4026 Datasheet HTML 1Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 2Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 3Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 4Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model CSS4J-4026 Series Current Sense Resistor
Electrical Characteristics
Characteristic
Model CSS4J-4026 Series
Resistance Range /
Power Rating @70 °C 1 /
Power Rating @130 °C 1
CSS4J-4026R-L200x 3
0.2 mW / 11 W / 5 W
CSS4J-4026R-L300x
0.3 mW / 10 W / 5 W
CSS4J-4026R-L500x
0.5 mW / 10 W / 5 W
CSS4J-4026R-1L00x
1.0 mW / 8 W / 4 W
CSS4J-4026K-2L00x
2.0 mW / 6 W / 4 W
CSS4J-4026K-3L00x
3.0 mW / 5 W / 3 W
CSS4J-4026K-5L00x
5.0 mW / 4 W / 3 W
Operating Temperature Range
-55 to +170 °C
TCR - Resistive Alloy 2
±50 PPM/°C (20~60 °C)
Temperature Coefficient
CSS4J-4026R-L200x 3
±150 PPM/°C
CSS4J-4026R-L300x
±100 PPM/°C
CSS4J-4026R-L500x
±100 PPM/°C
CSS4J-4026R-1L00x
±75 PPM/°C
CSS4J-4026K-2L00x
±75 PPM/°C
CSS4J-4026K-3L00x
±75 PPM/°C
CSS4J-4026K-5L00x
±75 PPM/°C
Inductance
< 3 nH
Resistance Tolerance
±1 %, ±5 %
Environmental Characteristics
Features
n
EB welded metal strip
n
Very high power
n
Excellent long term stability
n
Low resistance, low TCR
n
Low thermal EMF
n
RoHS compliant* and halogen free**
n
AEC-Q200 compliant
How to Order
CSS 4J - 4026 R - 1L00 F _
Model
No. of Terminals
& Style
Size
Material Type
(See Part Number Table)
Resistance Code (milliohms)
“L” represents decimal point
(examples: L500 = .500 milliohms;
1L00 = 1.00 milliohms)
Resistance Tolerance
F = ±1 %
J = ±5 %
Packaging size
Blank = Standard 13 ” reel
E = Mini 7 ” reel
1 Terminal temperature
2 For full TCR range, refer to TCR curve
3 CSS4J-4026R-L200F is available upon request - contact factory
Characteristic
Test Condition
D
R Max.
Thermal Shock
-55 to +150 °C / 2000 Cycles
0.50 %
Short Time Overload
5 Times Rated Power for 5 Second Duration
0.50 %
Resistance to Soldering Heat
+260 °C / 10 Seconds
0.50 %
High Temperature Exposure
+170 °C / 2000 Hours
1.00 %
Low Temperature Storage
-65 °C / 24 Hours
0.10 %
Biased Humidity Test
+85 °C, 85 %R.H., 1000 Hours
0.50 %
Moisture Resistance
10 Days with Cold Shock, No Load
0.20 %
Mechanical Shock
100 g, 6 ms half sine
0.20 %
Vibration, High Frequency
20 g, 10-2000 Hz
0.20 %
Load Life
2000 Hours, Max. Load, Terminal Temperature 130 °C
1.00 %
Solderability
J-STD-002
95 % Coverage Min.
ESD
AEC-Q200-002, 25 kV
0.25 %
Board Flex
60 Sec. Min. Holding Time
0.25 %
Moisture Sensitivity Level
Level 1
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
AUTOMOTIVE
GRADE


Similar Part No. - CSS4J-4026

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
388Kb / 4P
Current Sense Resistor
CSS4J-4026K-2L00F BOURNS-CSS4J-4026K-2L00F Datasheet
352Kb / 2P
Current Sense Resistor
CSS4J-4026K-2L00J BOURNS-CSS4J-4026K-2L00J Datasheet
352Kb / 2P
Current Sense Resistor
CSS4J-4026K-2L00x BOURNS-CSS4J-4026K-2L00x Datasheet
388Kb / 4P
Current Sense Resistor
CSS4J-4026K-3L00x BOURNS-CSS4J-4026K-3L00x Datasheet
388Kb / 4P
Current Sense Resistor
More results

Similar Description - CSS4J-4026

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
CSM2F-6918-1 BOURNS-CSM2F-6918-1 Datasheet
571Kb / 3P
Model CSM2F-6918 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-6918-2 BOURNS-CSM2F-6918-2 Datasheet
661Kb / 4P
Model CSM2F-6918 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-7036-1 BOURNS-CSM2F-7036-1 Datasheet
654Kb / 4P
Model CSM2F-7036 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-7036-2 BOURNS-CSM2F-7036-2 Datasheet
679Kb / 4P
Model CSM2F-7036 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-8518-1 BOURNS-CSM2F-8518-1 Datasheet
681Kb / 4P
Model CSM2F-8518 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8518-2 BOURNS-CSM2F-8518-2 Datasheet
673Kb / 4P
Model CSM2F-8518 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CSM2F-8536-1 BOURNS-CSM2F-8536-1 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor w/Tinned Terminals
REV. 04/22
CSM2F-8536-2 BOURNS-CSM2F-8536-2 Datasheet
675Kb / 4P
Model CSM2F-8536 Series Current Sense Resistor / Fully Tinned
REV. 04/22
CST0612-777607 BOURNS-CST0612-777607 Datasheet
634Kb / 5P
Model CST0612 Current Sense Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com