Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS4J-4026 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CSS4J-4026
Description  Model CSS4J-4026 Series Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS4J-4026 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CSS4J-4026 Datasheet HTML 1Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 2Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 3Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 4Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Recommended Pad Layout
Typical Part Marking
SIZE
MATERIAL TYPE
MANUFACTURER’S
TRADEMARK
DATE CODE:
YYWW
RESISTANCE
TOLERANCE:
F = 1 %
J = 5 %
RESISTANCE
CODE
IN MILLIOHMS:
“L” = DECIMAL POINT
PART IDENTIFICATION:
CSS = CURRENT SENSOR SHUNT
4J = NUMBER OF
TERMINALS & STYLE
CSS4J-4026R
1L00 1%
1902
Model CSS4J-4026 Series Current Sense Resistor
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal
disclaimers as set forth on the last page of this document, and at www.bourns.com/
docs/legal/disclaimer.pdf.
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Part Number
Dimension H
Alloy
CSS4J-4026R-L200x
3.59
(0.14)
Cu-Mn
CSS4J-4026R-L300x
3.45
(0.136)
Cu-Mn
CSS4J-4026R-L500x
3.01
(0.119)
Cu-Mn
CSS4J-4026R-1L00x
2.82
(0.111)
Cu-Mn
CSS4J-4026K-2L00x
2.94
(0.116)
Fe-Cr
CSS4J-4026K-3L00x
2.82
(0.111)
Fe-Cr
CSS4J-4026K-5L00x
2.82
(0.111)
Fe-Cr
Recommended Measurements
SENSE TERMINALS
6.90
(0.272)
REF.
4.70
(0.185)
REF.
6.60 +0.30/-0.20
(0.260 +0.012/-0.008
7.30
(0.287)
8.90
(0.351)
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
2.40
(0.094)
0.20
(0.007)
H ±
0.42 ± 0.10
(0.017 ± 0.004)
2.00 ± 0.12
(0.079 ± 0.004)
10.06 ± 0.25
(0.396 ± 0.010)
0.70 ± 0.10
(0.028 ± 0.004)
1.00 ± 0.15
(0.039 ± 0.006)
OPTIONAL
TRIMMING AREA
2 PLCS.
5.60
(0.22)
0.80
(0.03)
0.90
(0.035)
5.50
(0.217)
SOLDER
PADS
2.45
(0.096)
SENSE
PROBES
4.45
(0.175)
3.80
(0.150)
FORCE
PROBES
I2
I1
R1
8.00
(0.315)
SENSE TERMINALS
6.90
(0.272)
REF.
4.70
(0.185)
REF.
6.60 +0.30/-0.20
(0.260 +0.012/-0.008
7.30
(0.287)
8.90
(0.351)
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
2.40
(0.094)
0.20
(0.007)
H ±
0.42 ± 0.10
(0.017 ± 0.004)
2.00 ± 0.12
(0.079 ± 0.004)
10.06 ± 0.25
(0.396 ± 0.010)
0.70 ± 0.10
(0.028 ± 0.004)
1.00 ± 0.15
(0.039 ± 0.006)
OPTIONAL
TRIMMING AREA
2 PLCS.
5.60
(0.22)
0.80
(0.03)
0.90
(0.035)
5.50
(0.217)
SOLDER
PADS
2.45
(0.096)
SENSE
PROBES
4.45
(0.175)
3.80
(0.150)
FORCE
PROBES
I2
I1
R1
8.00
(0.315)
Electrical Schematic
6.35 ± 0.15
(0.250 ± 0.005)
3.05 ± 0.20
(0.120 ± 0.007)
0.10
(0.004)
BASE MATERIAL
COPPER ALLOY C10200
OPTIONAL TRIMMING AREA
2 PLCS.
RESISTIVE MATERIAL
3.00 +0.20/-0.30
(0.118 +0.007/-0.011)
3.40
(0.13)
1.80
(0.07)
3.40
(0.134)
SENSE TERMINALS
SOLDER PADS
0.76
(0.030)
1.53
(0.060)
5.36
(0.211)
2.68
(0.106)
I
IB
A
1.14 +0.20/-0.50
(0.045 +0.007/-0.019)
0.35 ± 0.20
(0.014 ± 0.007)
Y
H ±
I2
I1
R1
PROBES
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
SENSE TERMINALS
6.90
(0.272)
REF.
4.70
(0.185)
REF.
6.60 +0.30/-0.20
(0.260 +0.012/-0.008
7.30
(0.287)
8.90
(0.351)
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
2.40
(0.094)
0.20
(0.007)
H ±
0.42 ± 0.10
(0.017 ± 0.004)
2.00 ± 0.12
(0.079 ± 0.004)
10.06 ± 0.25
(0.396 ± 0.010)
0.70 ± 0.10
(0.028 ± 0.004)
1.00 ± 0.15
(0.039 ± 0.006)
OPTIONAL
TRIMMING AREA
2 PLCS.
5.60
(0.22)
0.80
(0.03)
0.90
(0.035)
5.50
(0.217)
SOLDER
PADS
2.45
(0.096)
SENSE
PROBES
4.45
(0.175)
3.80
(0.150)
FORCE
PROBES
I2
I1
R1
8.00
(0.315)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com