Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3003 Datasheet(PDF) 2 Page - Solid State Inc

Part # 1N3003
Description  10 WATTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

1N3003 Datasheet(HTML) 2 Page - Solid State Inc

  1N3003 Datasheet HTML 1Page - Solid State Inc 1N3003 Datasheet HTML 2Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• Standard voltage tolerance are
+/-5% with B suffix, +/-10%
with an A suffix, and +/-20%
with no suffix.
• Standard polarity is anode-to-
case.
• Reverse polarity with cathode-
to-case by designating R suffix
in part number.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise specified, VF = 1.5 V max @ IF = 2 amp on all types.)
1N2970 – 1N3015
10 WATTS
ZENER
DIODES
Type
Nominal
Test
Max Zener Impedance
Max DC
Max Reverse Current*
Number
Zener
Current
Zener
Voltage
(IZT)ZZT @ IZT
ZZK @ IZT
IZT
Current
IR Max
VR1
VR2
VZ @ IZT
mA
Ohms
Ohms
mA
(IZM)mA
(µA)
Volts
1N2970
6.8
370
1.2
500
1.0
1,320
150
5.2
4.9
1N2971
7.5
335
1.3
250
1.0
1,180
75
5.7
5.4
1N2972
8.2
305
1.5
250
1.0
1,040
50
6.2
5.9
1N2973
9.1
275
2.0
250
1.0
960
25
6.9
6.6
1N2974
10
250
3
250
1.0
880
10
7.6
7.2
1N2975
11
230
3
250
1.0
780
5
8.4
8.0
1N2976
12
210
3
250
1.0
720
5
9.1
8.6
1N2977
13
190
3
250
1.0
660
5
9.9
9.4
1N2978
14
180
3
250
1.0
600
5
10.6
10.1
1N2979
15
170
3
250
1.0
560
5
11.4
10.8
1N2980
16
155
4
250
1.0
530
5
12.2
11.5
1N2982
18
140
4
250
1.0
460
5
13.7
13.0
1N2983
19
130
4
250
1.0
440
5
14.4
13.7
1N2984
20
125
4
250
1.0
420
5
15.2
14.4
1N2985
22
115
5
250
1.0
380
5
16.7
15.8
1N2986
24
105
5
250
1.0
350
5
18.2
17.3
1N2988
27
95
7
250
1.0
300
5
20.6
19.4
1N2989
30
85
8
300
1.0
280
5
22.8
21.6
1N2990
33
75
9
300
1.0
260
5
25.1
23.8
1N2991
36
70
10
300
1.0
230
5
27.4
25.9
1N2992
39
65
11
300
1.0
210
5
29.7
28.1
1N2993
43
60
12
400
1.0
195
5
32.7
31.0
1N2995
47
55
14
400
1.0
175
5
35.8
33.8
1N2996
50
50
15
500
1.0
165
5
38.0
36.0
1N2997
51
50
15
500
1.0
163
5
38.8
36.7
1N2998
52
50
15
500
1.0
160
5
39.5
37.4
1N2999
56
45
16
500
1.0
150
5
42.6
40.3
1N3000
62
40
17
600
1.0
130
5
47.1
44.6
1N3001
68
37
18
600
1.0
120
5
51.7
49.0
1N3002
75
33
22
600
1.0
110
5
56.0
54.0
1N3003
82
30
25
700
1.0
100
5
62.2
59.0
1N3004
91
28
35
800
1.0
85
5
69.2
65.5
1N3005
100
25
40
900
1.0
80
5
76.0
72.0
1N3006
105
25
45
1,000
1.0
75
5
79.8
75.6
1N3007
110
23
55
1,100
1.0
72
5
83.6
79.2
1N3008
120
20
75
1,200
1.0
67
5
91.2
86.4
1N3009
130
19
100
1,300
1.0
62
5
98.8
93.6
1N3010
140
18
125
1,400
1.0
58
5
106.4
100.8
1N3011
150
17
175
1,500
1.0
54
5
114.0
108.0
1N3012
160
16
200
1,600
1.0
50
5
121.6
115.2
1N3014
180
14
250
1,850
1.0
45
5
136.8
129.6
1N3015
200
12
300
2,000
1.0
40
5
152.0
144.0
1N2970 – 1N3015
S O LID
ST A T E
INC.
Your TOTAL solutions source!
46 Farrand Street, Bloomfield, NJ 07003 • 800.631.2075
In NJ: 973.429.8700 • Fax: 973.429.8683 • www.solidstateinc.com
SOL I D
S T A T E
INC.
Your TOTAL solutions source!
*VR1 - Test Voltage for 5% Tolerance Device. VR2 - Test Voltage for 10% Tolerance Device. No Leakage Specified as 20% Tolerance Device.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com