Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3003 Datasheet(PDF) 1 Page - Solid State Inc

Part # 1N3003
Description  10 WATTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

1N3003 Datasheet(HTML) 1 Page - Solid State Inc

  1N3003 Datasheet HTML 1Page - Solid State Inc 1N3003 Datasheet HTML 2Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46 Farrand Street, Bloomfield, NJ 07003 • 800.631.2075
In NJ: 973.429.8700 • Fax: 973.429.8683 • www.solidstateinc.com
SOL I D
S T A T E
INC.
Your TOTAL solutions source!
• Standard polarity is anode-to-case
• Reverse polarity with cathode-to-case by designating R suffix in part number.
DO4
1N2970 – 1N3015
ZENER DIODES
Available with anode-to-case
and cathode-to-case
connections (standard and
reverse polarity, i.e., 1N2970 and
1N2970R.
The type numbers shown have
standard tolerance of +20% on
the nominal zener voltage. Add
suffix "A" for +10% units or "B"
for +5% units.
MAXIMUM RATINGS:
Junction and Storage
Temperature: -65°C to + 175°C
DC Power Dissipation: 10 Watts
(Derate 83.3 mW/°C above
55°C)
10 WATTS
ZENER
DIODES
S O LID
ST A T E
INC.
Your TOTAL solutions source!


Similar Part No. - 1N3003

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3003 MICROSEMI-1N3003 Datasheet
215Kb / 4P
10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3003 NAINA-1N3003 Datasheet
115Kb / 1P
10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3003 NJSEMI-1N3003 Datasheet
291Kb / 2P
ZENER DIODES
logo
America Semiconductor, ...
1N3003 AMERICASEMI-1N3003 Datasheet
1,019Kb / 2P
10W Zener Diodes
1N3003 AMERICASEMI-1N3003 Datasheet
1Mb / 2P
Glass passivated junction
More results

Similar Description - 1N3003

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
50 WATTS ZENER DIODES
1N3993 NJSEMI-1N3993 Datasheet
87Kb / 1P
10 WATTS ZEMER DIODES
logo
SUNMATE electronic Co.,...
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
1 Watts Surface Mount Zener Diodes
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
1 Watts Surface Mount Zener Diodes
1N5913B SUNMATE-1N5913B Datasheet
346Kb / 2P
1.5 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
1.3 Watts Surface Mount Zener Diodes
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
1.5 WATTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com